Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH129 Datasheet(PDF) 1 Page - Linear Technology

Part # RH129
Description  6.9V Precision Reference
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH129 Datasheet(HTML) 1 Page - Linear Technology

  RH129 Datasheet HTML 1Page - Linear Technology RH129 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
RH129
6.9V Precision Reference
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TA = 25°C
SUB-
SUB-
SYMBOL PARAMETER
CONDITIONS
NOTES
MIN
TYP
MAX
GROUP
MIN
TYP
MAX
GROUP
UNITS
VZ
Reverse Breakdown Voltage
0.6mA I R 15mA
6.7
7.2
1
V
V Z
Reverse Breakdown
0.6mA I R 15mA
14
mV
I R
Voltage Change with Current
1mA I R 15mA
12
mV
V Z
Temperature Coefficient
IR = 1mA, RH129A
10
2, 3
ppm/°C
Temp
RH129B
20
2, 3
ppm/°C
RH129C
50
2, 3
ppm/°C
Change in TC
1mA I R 15mA
1
ppm/°C
rZ
Dynamic Impedance
IR = 1mA
2
1mA I R 15mA
1
0.8
en
RMS Noise
10Hz f 10kHz
2
20
1
µV
V Z
Long Term Stability
TA = 25°C ± 0.1°C,
Time
IR = 1mA ± 0.3%
20
ppm/kHr
TABLE 1: ELECTRICAL CHARACTERISTICS (Preirradiation)
– 55°C T A 125°C
Reverse Breakdown Current ................................ 30mA
Forward Current..................................................... 2mA
Operating Temperature Range ............. – 55°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
DESCRIPTIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
The RH129 precision reference features excellent stability
over a wide range of voltage, temperature and operating
current conditions. The device achieves low dynamic
impedance by incorporating a high gain shunt regulator
around the Zener. The excellent noise performance of the
device is achieved by using a buried Zener design which
eliminates surface noise usually associated with ordinary
Zeners.
The wafer lots are processed to LTC's in-house Class S
flow to yield circuits usable in stringent military applica-
tions.
, LTC and LT are registered trademarks of Linear Technology Corporation.
BUR -I CIRCUIT
10k
20V
RH1009 BI
PACKAGE INFORMATION
BOTTOM VIEW
2
1
H PACKAGE
2-LEAD TO-46 METAL CAN
TOTAL DOSE BIAS CIRCUIT
12.4k
15V
RH129 TDBC1


Similar Part No. - RH129

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH129 LINER-RH129 Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
RH129 LINER-RH129_15 Datasheet
135Kb / 2P
6.9V Precision Reference
More results

Similar Description - RH129

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM129 LINER-LM129 Datasheet
179Kb / 4P
6.9V Precision Voltage Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
Precision Reference
logo
Linear Technology
LM129 LINER-LM129_1 Datasheet
125Kb / 4P
6.9V Precision Voltage Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
logo
Linear Technology
LM129 LINER-LM129_15 Datasheet
166Kb / 8P
6.9V Precision Voltage Reference
LM329 LINER-LM329_15 Datasheet
166Kb / 8P
6.9V Precision Voltage Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
RH129 LINER-RH129_15 Datasheet
135Kb / 2P
6.9V Precision Reference
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com