Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1013 Datasheet(PDF) 5 Page - Linear Technology

Part # RH1013
Description  Quad Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1013 Datasheet(HTML) 5 Page - Linear Technology

  RH1013 Datasheet HTML 1Page - Linear Technology RH1013 Datasheet HTML 2Page - Linear Technology RH1013 Datasheet HTML 3Page - Linear Technology RH1013 Datasheet HTML 4Page - Linear Technology RH1013 Datasheet HTML 5Page - Linear Technology RH1013 Datasheet HTML 6Page - Linear Technology RH1013 Datasheet HTML 7Page - Linear Technology RH1013 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
RH1014M
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Power Supply Rejection Ratio
TOTAL DOSE KRAD (Si)
1
140
130
120
110
100
90
80
70
10
100
1000
RH1014M G09
VS = ±10V TO ±18V
TOTAL DOSE KRAD (Si)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
RH1014M G10
VS = ±15V
fO = 10Hz
Input Noise Voltage Density
TOTAL DOSE KRAD (Si)
1
1000
900
800
700
600
500
400
300
200
100
0
10
100
1000
RH1014M G11
VS = ±5V
RL = 10k
Gain Bandwidth Product
Open-Loop Gain
TOTAL DOSE KRAD (Si)
1
150
140
130
120
110
100
90
80
10
100
1000
RH1014M G07
VS = ±15V
RL = 10k
VOUT = ±10V
TOTAL DOSE KRAD (Si)
1
300
200
100
0
–100
–200
–300
10
100
1000
RH1014M G04
VS = ±15V
VCM = 0V
Input Offset Voltage
Input Offset Current
TOTAL DOSE KRAD (Si)
1
3
2
1
0
–1
–2
10
100
1000
RH1014M G06
VS = ±15V
VCM = 0V
Input Bias Current
TOTAL DOSE KRAD (Si)
1
70
60
50
40
30
20
10
0
10
100
1000
RH1014M G05
VS = ±15V
VCM = 0V
TOTAL DOSE KRAD (Si)
1
150
140
130
120
110
100
90
80
10
100
1000
RH1014M G08
VS = ±15V
–15V
≤ VCM ≤ 13.5V
Common-Mode Rejection Ratio



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com