Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM2301A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2301A
Description  20V P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2301A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM2301A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2301A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2301A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2301A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2301A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2301A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM2301A
20V P-Channel MOSFET
2/6
Version: B14
Electrical Specifications (TC=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
(Note 3)
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
-20
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(th)
-0.6
-0.7
-1
V
Gate Body Leakage
VGS = ±12V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = -20V, VGS = 0V
IDSS
--
--
1.0
µA
Drain-Source On-State Resistance
VGS = -4.5V, ID = -2.8A
RDS(on)
--
90
130
mΩ
VGS = -2.5V, ID = -2.0A
--
120
190
Diode Forward Voltage
IS = -1A, VGS = 0V
VSD
--
-0.7
-1.3
V
Dynamic
(Note 4,5)
Gate Resistance
VGS = VDS =0V, f=1MHz
Rg
--
7.5
--
Ω
Total Gate Charge
VDS = -6V, ID = -2.8A,
VGS = -4.5V
Qg
--
7.2
--
nC
Gate-Source Charge
Qgs
--
2.2
--
Gate-Drain Charge
Qgd
--
1.2
--
Input Capacitance
VDS = -15V, VGS = 0V,
f = 1.0MHz
Ciss
--
480
--
pF
Output Capacitance
Coss
--
460
--
Reverse Transfer Capacitance
Crss
--
10
--
Switching
(Note 4,5)
Turn-On Delay Time
VDD = -6V, RL = 6Ω,
VGEN = -4.5V,
RG = 6Ω
td(on)
--
38
--
ns
Turn-On Rise Time
tr
--
25
--
Turn-Off Delay Time
td(off)
--
43
--
Turn-Off Fall Time
tf
--
5
--
Notes:
1. Pulse width limited by the Maximum junction temperature
2. Surface Mounted on a 1 in
2 pad of 2oz Cu, t≤10 sec.
3. Pulse test: PW ≤300µs, duty cycle ≤2%
4. For DESIGN AID ONLY, not subject to production testing.
5. Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com