Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4806CSRLG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4806CSRLG
Description  20V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4806CSRLG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM4806CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4806CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4806CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4806CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4806CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4806CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM4806
20V N-Channel MOSFET
2/6
Version: A14
Electrical Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
20
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
0.3
0.6
1.0
V
Gate-Source Leakage Current
VGS = ±8V, VDS = 0V
IGSS
--
--
±100
nA
Drain-Source Leakage Current
VDS = 16V, VGS = 0V
IDSS
--
--
1
µA
Drain-Source On-State Resistance
VGS = 4.5V, ID = 20A
RDS(ON)
--
16
20
mΩ
VGS = 2.5V, ID = 15A
--
20
25
VGS = 1.8V, ID = 10A
25
31
Forward Transconductance
VDS = 5V, ID = 15A
gfs
--
27
--
S
Diode Forward Voltage
IS = 1A, VGS = 0V
VSD
--
--
1.2
V
Dynamic
b
Gate Resistance
VDS =0V, VGS =0V, f=1MHz
Rg
--
1.4
2.8
Ω
Total Gate Charge
VDS = 15V, ID = 15A,
VGS = 4.5V
Qg
--
12.3
--
nC
Gate-Source Charge
Qgs
--
1.95
--
Gate-Drain Charge
Qgd
--
3.08
--
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
Ciss
--
961
--
pF
Output Capacitance
Coss
--
92.3
--
Reverse Transfer Capacitance
Crss
--
80.4
--
Reverse Recovery Time
IF= 15A, dI/dt= 100A/µs,
TJ=25
oC
trr
--
6
--
ns
Reverse Recovery Charge
Qrr
--
1.38
--
nC
Switching
b,c
Turn-On Delay Time
VDD = 10V, ID = 15A,
VGS = 4.5V, RG = 3.3Ω
td(on)
--
3.02
--
ns
Turn-On Rise Time
tr
--
13.1
--
Turn-Off Delay Time
td(off)
--
28
--
Turn-Off Fall Time
tf
--
8.3
--
Notes:
a. Pulse test: PW ≤ 300µs, duty cycle ≤ 2%
b. For DESIGN AID ONLY, not subject to production testing.
c. Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com