Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED21-SMD3 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED21-SMD3
Description  Mid-Infrared Light Emitting Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED21-SMD3 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED21-SMD3 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED21-SMD3 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10.11.2010
LED21-SMD3
2 of 2
Typical Performance Curves
Package
• Tiny package for surface mounting
• Anode and cathode are led to the metalized areas on the back side of the ceramic surface
• Material – Low Temperature Co-fired Ceramic (LTCC):
-
thermal conductivity 25 W/mK
-
thermoresistance 8 °C/W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com