Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSCR Datasheet(PDF) 1 Page - Littelfuse

Part # LSCR
Description  Semiconductor Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSCR Datasheet(HTML) 1 Page - Littelfuse

  LSCR Datasheet HTML 1Page - Littelfuse LSCR Datasheet HTML 2Page - Littelfuse LSCR Datasheet HTML 3Page - Littelfuse LSCR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
80
Semiconductor Fuses
150/250/500/600/700 VAC s Very Fast-Acting s 1 – 1000 Amperes
Designed to protect today’s equipment and systems,
Littelfuse semiconductor fuses are manufactured with
Littelfuse-developed technology that sets tomorrow’s stan-
dards for accuracy, consistent quality, reliability, and predict-
able performance. By using advanced metallurgical, polymer,
and materials research; mathematical modeling, and comput-
erized statistical analysis; Littelfuse engineers have redefined
“State-of-the-Art.”
APPLICATIONS
Designed specifically for supplementary protection of
semiconducting devices such as silicon controlled rectifiers
(SCR’s), diodes, thyristors, triacs, transistors, and similar
solid-state devices. These devices are used in power
equipment including variable speed drives, power rectifiers,
UPS systems, DC power supplies, and in a wide range of
electronic equipment.
May be used wherever extremely fast-acting, current-limiting
fuses with no time delay are required.
SPECIFICATIONS
Voltage Ratings: L15S: 150 V AC/DC (1 – 60A)
150 VAC (70 – 1000A)
100 VDC (70 – 1000A)
L25S: 250 V AC/DC (1 – 200A)
250 VAC (225 – 800A)
200 VDC (225 – 800A)
L50S: 500 VAC/450VDC
L60S: 600 VAC
KLC: 600 VAC
L70S: 700VAC/650VDC
Interrupting Rating: AC: 200,000 rms amperes
(L15S series 100,000 amperes)
DC: 20,000 amperes
Ampere Range: 1 – 1000 amperes
See Rating Table for ratings available
in each series.
Approvals: UL Recognized under the Components Program
and CSA Recognized under the Component
Acceptance Program.
UL File No: E71611
CSA File No: LR29862
L15S and L25S series fuses are Littelfuse
Certified for DC ratings shown in Rating Table.
AMPERE RATINGS
See Rating Table.
RECOMMENDED FUSE BLOCKS
LSCR series: Refer to Fuse Block section of this catalog for
additional information.
SAFETY
s
200,000 A.I.R. — Reliable interruption of all overcurrents up
to 200,000 amperes . . . meets present and future system
requirements. (Note: L15S series has 100,000 A.I.R.)
s
Extremely Current Limiting — Low I2t and peak let-through
currents meet most semiconductor requirements.
s
UL Recognized — Littelfuse semiconductor fuses are
recognized under the components program of Underwriters
Laboratories, Inc., and carry the
mark. UL Recognized
semiconductor fuses may be used to provide supplemen-
tary protection in UL listed equipment.
LONGER EQUIPMENT LIFE
s
Low Watt Losses — Means less heating and power
consumption in circuit.
s
Controlled Transient Overvoltages — All circuits are subject
to transient overvoltages during fault current interruption.
These transient overvoltages (arc voltages) start when fuse
links melt or circuit breaker contacts part, and subside
when circuit is interrupted. Semiconductors are very
sensitive to overvoltages. Littelfuse semiconductor fuse
designs keep transient overvoltages to low levels and help
reduce semiconductor failure.


Similar Part No. - LSCR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSCR001 LITTELFUSE-LSCR001 Datasheet
334Kb / 3P
LSCR SERIES HIGH-SPEED FUSE BLOCKS
Rev: 100621
LSCR001 LITTELFUSE-LSCR001 Datasheet
460Kb / 4P
LSCR SERIES HIGH-SPEED FUSE BLOCKS
022724
LSCR001 LITTELFUSE-LSCR001_V01 Datasheet
460Kb / 4P
LSCR SERIES HIGH-SPEED FUSE BLOCKS
022724
LSCR002 LITTELFUSE-LSCR002 Datasheet
334Kb / 3P
LSCR SERIES HIGH-SPEED FUSE BLOCKS
Rev: 100621
LSCR002 LITTELFUSE-LSCR002 Datasheet
460Kb / 4P
LSCR SERIES HIGH-SPEED FUSE BLOCKS
022724
More results

Similar Description - LSCR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
LA15QS Semiconductor Fuses
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A150X ETC2-A150X Datasheet
511Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
A60X ETC2-A60X Datasheet
435Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
LA15QS Semiconductor Fuses
2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com