Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHS Datasheet(PDF) 4 Page - Littelfuse

Part # MHS
Description  Multilayer High Speed Transient Voltage Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MHS Datasheet(HTML) 4 Page - Littelfuse

  MHS Datasheet HTML 1Page - Littelfuse MHS Datasheet HTML 2Page - Littelfuse MHS Datasheet HTML 3Page - Littelfuse MHS Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Multilayer High Speed Transient Voltage Surge Suppressor
MHS Varistor Series
Surface Mount Varistors
4
Ordering Information
V
0402
PACKING OPTIONS
H: 7in (178mm) Diameter Reel (Note)
DEVICE FAMILY
Littelfuse TVSS Device
H
DEVICE SIZE
i.e. 40Mil x 20Mil
(1.0mm x 0.5mm)
MHS
03
W
CAPACITANCE DESIGNATION
03 = 3PF
12 = 12PF
END TERMINATION OPTION
W: Ag/Pd
N: Nickel Barrier termination subject to availibility.
Please contact a Littelfuse sales representative
SERIES DESIGNATOR
Multilayer Hi-Speed
No Letter: Ag/Pt (Standard)
D
E
W
L
Mechanical Dimensions
7 INCH REEL ("H" OPTION)
10,000
SIZE
2,500
0402
0603
13 IN REEL
"T" OPTION
––
10,000
Tape and Reel Specifications
• Conforms to EIA-481-1, Revision A
• Can be supplied to IEC publication 286-3
SYMBOL
DESCRIPTION
DIMENSIONS IN MILLIMETERS
A0
Width of Cavity
Dependant on chip size to minimize rotation
B0
Length of Cavity
K0
Depth of Cavity
W
Width of Tape
8
±0.2
F
Distance Between Drive Hole Centers and Cavity Centers
3.5
±0.05
E
Distance Between Drive Hole Centers and Tape Edge
P1
Distance Between Cavity Center
2
±0.05
P2
Axial Drive Distance Between Drive Hole Centers & Cavity Hole Centers
2
±0.1
P0
Axial Drive Distance Between Drive Hole Centers
4
±0.1
D0
Drive Hole Diameter
1.55
±0.05
D1
Nominal Paper Thickness
0.61
T1
Top & Bottom Tape Thickness
0.10 Max
1
1.75
±0.1
Dependant on chip size to minimize rotation
Dependant on chip size to minimize rotation
T
t1
D0
P0
P1
A0
P2
B0
F
E
W
EMBOSSED PAPER CARRIER
TOP TAPE
8mm
NOMINAL
PRODUCT
IDENTIFYING
LABEL
178mm
DIA. REEL
DIMENSION
DEVICE DIMENSIONS
0402 SIZE
INCH
MM
D Max.
0.024
0.60
E
0.10
±0.006
0.25
±0.15
L
0.039
±0.004
1.00
±0.10
W
0.020
±0.004 0.50±0.10
0603 SIZE
INCH
MM
0.035
0.9
0.015
±0.008
0.4
±0.2
0.063
±0.006
1.6
±1.5
0.032
±0.006
0.8
±1.5
Standard Shipping Quantities
Multilayer High Speed - MHS Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com