Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED22-PR Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED22-PR
Description  Mid-Infrared Light Emitting Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED22-PR Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED22-PR Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED22-PR Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06.10.2010
LED22-PR
1 of 2
LED22-PR
TECHNICAL DATA
Mid-Infrared Light Emitting Diode
Light Emitting Diodes with central wavelength 2.25 µm series are based on heterostructures grown
on GaSb substrates. They are developed for using in optical gas sensors and medical diagnostics.
LED22-PR has a stable ouput power and a lifetime more then 80000 hours.
Features
• Structure: GaInAsSb/AlGaAsSb
• Peak Wavelength: typ. 2.25 µm
• Optical Ouput Power: typ. 1.1 mW qCW
• Package: TO-18, with PR and without window
Specifications
Rating
Item
Condition
Min.
Typ.
Max.
Unit
Peak Wavelength
T=300 K
2.20
2.25
2.29
µm
FWHM
150 mA CW
150
200
250
nm
Quasi-CW
Optical Power
200 mA qCW
0.9
1.1
1.3
mW
Pulsed
Optical Power
1 A
25
28
30
mW
Switching Time
T=300 K
10
30
50
ns
Operation Voltage
200 mA qCW
V
Operating
Temperature
-240 … +50
°C
Emitting Area
300x300
µm
Soldering
Temperature
180
°C
Package
TO-18, with parabolic reflector and
without window
(Unit: mm)
Operating Regime
Quasi-CW
Maximum current 220 mA
Recommended current 150-200mA
Pulsed
Maximum current 1 A
(puls lenght 500 ns, repetition rate 2kHz)


Similar Part No. - LED22-PR

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED22-PR-WIN ROITHNER-LED22-PR-WIN Datasheet
350Kb / 2P
Mid-Infrared Light Emitting Diode
More results

Similar Description - LED22-PR

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED19FC-PR ROITHNER-LED19FC-PR Datasheet
349Kb / 2P
Mid-Infrared Light Emitting Diode
LED19FC-TEC-PR ROITHNER-LED19FC-TEC-PR Datasheet
377Kb / 2P
Mid-Infrared Light Emitting Diode
LED20FC-TEC ROITHNER-LED20FC-TEC Datasheet
302Kb / 2P
Mid-Infrared Light Emitting Diode
LED21FC-TEC ROITHNER-LED21FC-TEC Datasheet
305Kb / 2P
Mid-Infrared Light Emitting Diode
LED21-SMD3 ROITHNER-LED21-SMD3 Datasheet
199Kb / 2P
Mid-Infrared Light Emitting Diode
LED22FC-TEC-PR ROITHNER-LED22FC-TEC-PR Datasheet
379Kb / 2P
Mid-Infrared Light Emitting Diode
LED23FC-PR ROITHNER-LED23FC-PR Datasheet
354Kb / 2P
Mid-Infrared Light Emitting Diode
LED34-HIGH-SMD5 ROITHNER-LED34-HIGH-SMD5 Datasheet
281Kb / 2P
Mid-Infrared Light Emitting Diode
LED35-SMD3 ROITHNER-LED35-SMD3 Datasheet
205Kb / 2P
Mid-Infrared Light Emitting Diode
LED36-SMD3 ROITHNER-LED36-SMD3 Datasheet
202Kb / 2P
Mid-Infrared Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com