Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPR1-080 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPR1-080
Description  GLASS PASSIVATED SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPR1-080 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPR1-080 Datasheet HTML 1Page - Central Semiconductor Corp CPR1-080 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CPR1-010 SERIES
GLASS PASSIVATED
SILICON RECTIFIERS
1.0 AMP, 100 THRU 1200 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CPR1-010 series
types are silicon rectifiers mounted in a hermetically
sealed, glass passivated package, designed for general
purpose applications where high reliability is desired.
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CPR1
CPR1
CPR1
CPR1
CPR1
CPR1
CPR1
SYMBOL
-010
-020
-040
-060
-080
-100
-120
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
200
400
600
800
1000
1200
V
DC Blocking Voltage
VR
100
200
400
600
800
1000
1200
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
560
700
840
V
Average Forward Current (TA=75°C)
IO
1.0
A
Peak Forward Surge Current
IFSM
40
A
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +175
°C
Thermal Resistance
ΘJA
40
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=Rated VRRM
5.0
μA
IR
VR=Rated VRRM, TA=150°C
100
μA
VF
IF=1.0A
1.1
V
CJ
VR=4.0V, f=1.0MHz
15
pF
trr
IR=1.0A, IF=0.5A, Irr=0.25A, RL=100Ω
2.0
μs
MARKING: FULL PART NUMBER
GPR-1A CASE
R1 (28-February 2013)
www.centr a lsemi.com


Similar Part No. - CPR1-080

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPR10100R0JE6630 VISHAY-CPR10100R0JE6630 Datasheet
459Kb / 4P
Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
05-Feb-2020
CPR10100R0JE6631 VISHAY-CPR10100R0JE6631 Datasheet
459Kb / 4P
Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
05-Feb-2020
CPR10100R0JE6632 VISHAY-CPR10100R0JE6632 Datasheet
459Kb / 4P
Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
05-Feb-2020
CPR10100R0RE6630 VISHAY-CPR10100R0RE6630 Datasheet
459Kb / 4P
Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
05-Feb-2020
CPR10100R0RE6631 VISHAY-CPR10100R0RE6631 Datasheet
459Kb / 4P
Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
05-Feb-2020
More results

Similar Description - CPR1-080

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RL1601CT SEMTECH_ELEC-RL1601CT Datasheet
262Kb / 2P
GLASS PASSIVATED SILICON RECTIFIERS
RL1601 SEMTECH_ELEC-RL1601 Datasheet
260Kb / 2P
GLASS PASSIVATED SILICON RECTIFIERS
RL201G SEMTECH_ELEC-RL201G Datasheet
240Kb / 2P
GLASS PASSIVATED SILICON RECTIFIERS
logo
Central Semiconductor C...
1N4942 CENTRAL-1N4942 Datasheet
411Kb / 2P
GLASS PASSIVATED SILICON RECTIFIERS
1N5059 CENTRAL-1N5059_15 Datasheet
412Kb / 2P
GLASS PASSIVATED SILICON RECTIFIERS
1N5550 CENTRAL-1N5550 Datasheet
296Kb / 2P
GLASS PASSIVATED SILICON RECTIFIERS
1N5614 CENTRAL-1N5614 Datasheet
410Kb / 2P
GLASS PASSIVATED SILICON RECTIFIERS
1N5615 CENTRAL-1N5615 Datasheet
411Kb / 2P
GLASS PASSIVATED SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
JD10001 HY-JD10001_17 Datasheet
133Kb / 3P
SILICON RECTIFIERS GLASS PASSIVATED RECTIFIERS
JD100005 HY-JD100005_17 Datasheet
133Kb / 3P
SILICON RECTIFIERS GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com