Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED34-SMD3 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED34-SMD3
Description  Mid-Infrared Light Emitting Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED34-SMD3 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED34-SMD3 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED34-SMD3 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06.10.2010
LED34-SMD3
1 of 2
LED34-SMD3
TECHNICAL DATA
Mid-Infrared Light Emitting Diode, SMD
Light Emitting Diodes with central wavelength 3.40 µm series are based on heterostructures grown
on InAs substrates by MOCVD. InAsSb is used in the active layer. Wide band gap solid solutions
InAsSbP with P content 50% are used for god electron confinement.
LED50-SMD3 has a stable ouput power and a lifetime more then 80000 hours.
Features
• Structure: InAsSb/InAsSbP
• Peak Wavelength: typ. 3.40 µm
• Optical Ouput Power: typ. 35 µW qCW
• Package: SMD 3x3 mm
Specifications
Rating
Item
Condition
Min.
Typ.
Max.
Unit
Peak Wavelength
T=300 K
3.32
3.40
3.46
µm
FWHM
150 mA CW
400
500
600
nm
Quasi-CW
Optical Power
200 mA qCW
25
35
45
mW
Pulsed
Optical Power
1 A
320
400
480
mW
Switching Time
T=300 K
10
20
30
ns
Operation Voltage
200 mA qCW
V
Operating
Temperature
-240 … +50
°C
Emitting Area
300x300
µm
Soldering
Temperature
180
°C
Package
SMD type package 3x3 mm based on high
thermal conductivity ceramics
Operating Regime
Quasi-CW
•
Maximum current 220 mA
•
Recommended current 150-200mA
Pulsed
•
Maximum current 1 A
(puls lenght 500 ns, repetition rate 2kHz)


Similar Part No. - LED34-SMD3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED34-HIGH-SMD3 ROITHNER-LED34-HIGH-SMD3 Datasheet
278Kb / 2P
Mid-Infrared Light Emitting Diode
LED34-HIGH-SMD5 ROITHNER-LED34-HIGH-SMD5 Datasheet
281Kb / 2P
Mid-Infrared Light Emitting Diode
LED34-HIGH-SMD5R ROITHNER-LED34-HIGH-SMD5R Datasheet
283Kb / 2P
Mid-Infrared Light Emitting Diode
LED34-R ROITHNER-LED34-R Datasheet
1Mb / 6P
Mid-IR LED Series
LED34-RW ROITHNER-LED34-RW Datasheet
1Mb / 6P
Mid-IR LED Series
More results

Similar Description - LED34-SMD3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED19FC-PR ROITHNER-LED19FC-PR Datasheet
349Kb / 2P
Mid-Infrared Light Emitting Diode
LED19FC-TEC-PR ROITHNER-LED19FC-TEC-PR Datasheet
377Kb / 2P
Mid-Infrared Light Emitting Diode
LED20FC-TEC ROITHNER-LED20FC-TEC Datasheet
302Kb / 2P
Mid-Infrared Light Emitting Diode
LED21FC-TEC ROITHNER-LED21FC-TEC Datasheet
305Kb / 2P
Mid-Infrared Light Emitting Diode
LED21-SMD3 ROITHNER-LED21-SMD3 Datasheet
199Kb / 2P
Mid-Infrared Light Emitting Diode
LED22FC-TEC-PR ROITHNER-LED22FC-TEC-PR Datasheet
379Kb / 2P
Mid-Infrared Light Emitting Diode
LED23FC-PR ROITHNER-LED23FC-PR Datasheet
354Kb / 2P
Mid-Infrared Light Emitting Diode
LED34-HIGH-SMD5 ROITHNER-LED34-HIGH-SMD5 Datasheet
281Kb / 2P
Mid-Infrared Light Emitting Diode
LED35-SMD3 ROITHNER-LED35-SMD3 Datasheet
205Kb / 2P
Mid-Infrared Light Emitting Diode
LED36-SMD3 ROITHNER-LED36-SMD3 Datasheet
202Kb / 2P
Mid-Infrared Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com