Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2301 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # LF2301
Description  Image Resampling Sequencer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2301 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  LF2301 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DEVICES INCORPORATED
LF2301
Image Resampling Sequencer
2-2
08/16/2000–LDS.2301-H
Video Imaging Products
SIGNAL DEFINITIONS
Power
Vcc and GND
+5V power supply. All pins must be
connected.
Clock
CLK — Master Clock
The rising edge of CLK strobes all
enabled registers.
Inputs
P11-0 — Parameter Register Data Input
P11-0 is the 12-bit Parameter Register
Data input port. P11-0 is latched on
the rising edge of CLK.
B3-0 — Parameter Register Address Input
B3-0 is the 4-bit Parameter Register
Address input port. B3-0 is latched on
the rising edge of CLK.
Outputs
X11-0 — Source Address Output
X11-0 is the 12-bit registered Source
Address output port.
CA7-0 — Coefficient Address Output
CA7-0 is the 8-bit registered Coeffi-
cient Address output port.
U11-0 — Target Address Output
U11-0 is the 12-bit registered Target
Address output port.
Controls
INIT — Initialize
When INIT is HIGH for a minimum of
two clock cycles, the control logic is
cleared and initialized for the start of a
new image transformation. When
INIT goes LOW, normal operation
begins after two clock cycles. INIT is
latched on the rising edge of CLK.
WEN — Write Enable
When WEN is LOW, data latched into
the device on P11-0 is loaded into the
preload register addressed by the data
latched into the device on B3-0. When
WEN is HIGH, data cannot be loaded
into the preload registers and their
contents will not be changed. WEN is
latched on the rising edge of CLK.
LDR — Load Data Register
When LDR is HIGH, data in all
preload registers is latched into the
Transformation Parameter Registers.
When LDR is LOW, data cannot be
loaded into the Transformation
Parameter Registers and their contents
will not be changed. LDR is latched
on the rising edge of CLK.
ACC — Accumulate
The registered ACC output initializes
the accumulation register of the
external multiplier-accumulator. At
the start of each interpolation “walk,”
ACC goes LOW for one cycle effec-
tively clearing the storage register by
loading in only the new first product.
ACC from either the row or column
LF2301 may be used.
UWRI — Target Memory Write Enable
The Target Memory Write Enable goes
LOW for one clock cycle after the end
of each interpolation “walk.” When
OETA is HIGH, this registered output
is forced to the high-impedance state.
UWRI from either the row or column
LF2301 may be used.
INTER — Interconnect
When two LF2301s are used to form
an ITS, the END flag on each device
is connected to INTER on the other
device. The END flag from the row
device indicates an “end of line” to the
column device. The END flag from the
column device indicates a “bottom of
frame” to the row device, forcing a
reset of the address counter.
NOOP — No Operation
When NOOP is LOW, the clock is
overridden holding all address
generators in their current state. X11-0
and CA7-0 are forced to the high-
FIGURE 1. IMAGE TRANSFORMATION SYSTEM (ITS)
12
P11-0
5
INIT, LDR,
B3-0
4
INTER
END
INTER
END
12
24
12
12
12
12
24
LF2301
Row
Address
Generator
(X)
X11-0
ACC
UWRI
U11-0
8
8
IMAGE DATA IN
12
12
IMAGE DATA OUT
V11-0
Y11-0
LF2301
Column
Address
Generator
(Y)
INTERPOLATION
COEFFICIENT
RAM
CA7-0
CLK
ACC
DESTINATION
IMAGE
RAM
LMA1009/2009
12 x 12 bit
Multiplier-
Accumulator
SOURCE
IMAGE
RAM
CA7-0
Y
X
X,Y,P
DOUT
12
12
WEN, NOOP, OETA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com