Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED680 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED680
Description  Visible LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED680 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED680 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED680 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED680 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED680 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED680 Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED680 Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED680 Datasheet HTML 7Page - Roithner LaserTechnik GmbH LED680 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
04.04.2012
LED680-series
1 of 8
LED680-series
TECHNICAL DATA
Visible LED
AlGaAs
LED680-series are AlGaAs LEDs mounted on a lead frame and encapsulated in various types of
epoxy lens, which offers different design settings.
On forward bias, it emits a high power radiation of typical 4 mW at a peak wavelength at 680 nm.
Specifications
• Structure: AlGaAs
• Peak Wavelength: typ. 680 nm
• Optical Ouput Power: typ. 4 mW
• Resin Material: Epoxy resin
• Solder: Lead free
Absolute Maximum Ratings (Ta=25°C)
Type
Symbol
Value
Unit
Power Dissipation
PD
110
mW
Forward Current
IF
50
mA
Pulse Forward Current
IFP
200
mA
Reverse Voltage
VR
5
V
Operating Temperature
TOP
-30 … +85
°C
Storage Temperature
TSTG
-40 … +100
°C
Soldering Temperature (for 5 sec.)
TSOL
265
°C
Electro-Optical Characteristics (Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20 mA
-
1.8
2.3
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Radiated Power
PO
IF = 20 mA
3
4
-
mW
Peak Wavelength
λ
P
IF = 20 mA
-
680
-
nm
Half Width
Δλ
IF = 20 mA
-
25
-
nm
Rise Time
tr
IF = 20 mA
-
50
-
ns
Fall Time
tf
IF = 20 mA
-
25
-
ns


Similar Part No. - LED680

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED680-66-16100 ROITHNER-LED680-66-16100 Datasheet
88Kb / 1P
SUPER HIGH POWER RED LED
LED680-66-60 ROITHNER-LED680-66-60 Datasheet
135Kb / 2P
High Power LED Array
More results

Similar Description - LED680

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2010A-UG MARKTECH-MT2010A-UG Datasheet
207Kb / 2P
Visible LED
MTE5066N5J MARKTECH-MTE5066N5J Datasheet
655Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
LED420 ROITHNER-LED420 Datasheet
1,018Kb / 8P
Visible LED
LED450 ROITHNER-LED450 Datasheet
1,023Kb / 8P
Visible LED
LED590-03 ROITHNER-LED590-03 Datasheet
160Kb / 3P
Visible LED
logo
Marktech Corporate
MTE6066N1 MARKTECH-MTE6066N1_15 Datasheet
645Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
SMC565 ROITHNER-SMC565 Datasheet
230Kb / 2P
Visible LED
SMC780 ROITHNER-SMC780 Datasheet
149Kb / 2P
Visible LED
SMT720 ROITHNER-SMT720 Datasheet
304Kb / 4P
Visible LED
logo
Elite Enterprises (H.K....
HT-650 ELITE-HT-650 Datasheet
389Kb / 2P
Visible LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com