Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED700 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED700
Description  Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED700 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED700 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED700 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED700 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED700 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED700 Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED700 Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED700 Datasheet HTML 7Page - Roithner LaserTechnik GmbH LED700 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
21.11.2011
LED700-series
2 of 8
Characteristics of Radiant Intensity (Ta=25°C)
Type
Viewing
Half Angle
Brightness / Radiation Intensity (IF = 50 mA)
Outer
Dimension
Dimension
Figure
[Unit: mW/sr]
Typ.
LED700-01AU
±10°
60
Ø 5
1
LED700-02AU
±7°
90
Ø 5
2
LED700-03AU
±10°
60
Ø 5
3
LED700-04AU
±20°
30
Ø 5
4
LED700-05AU
±40°
6
Ø 5
5
LED700-06AU
±7°
80
Ø 5
6
LED700-09AU
±25° (long)
40
Ø 5
7
±15° (short)
Oval
LED700-46AU
Ø 5
8
LED700-41AU
±16°
Ø 4
9
LED700-42AU
±23°
Ø 4
10
LED700-31AU
Ø 3
11
LED700-33AU
±18°
30
Ø 3
12
LED700-34AU
Ø 3
13
LED700-36AU
±33°
15
Ø 3
14
* Radiant Power is measured by Photodyne #500
* Brightness is measured by TekTronix J-16
The above specifications are for reference purpose only and subjected to change without prior notice.
Outer Dimensions
Figure-1 Ø 5Mold (Type 01)
Figure-2 Ø 5Mold (Type 02)
Figure-3 Ø 5Mold (Type 03)
Figure-4 Ø 5Mold (Type 04)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com