Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED710 Datasheet(PDF) 8 Page - Roithner LaserTechnik GmbH

Part # LED710
Description  Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED710 Datasheet(HTML) 8 Page - Roithner LaserTechnik GmbH

  LED710 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED710 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED710 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED710 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED710 Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED710 Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED710 Datasheet HTML 7Page - Roithner LaserTechnik GmbH LED710 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
21.11.2011
LED710-series
8 of 8
Recommended Land Layout (Unit: mm)
3. Soldering Conditions
• Solder the LEDs no closer than 3 mm from the base of the lead.
• DO NOT apply any stress to the lead particularly when heat.
• The LEDs must not be reposition after soldering.
• After soldering the LEDs, the lead should be protected from mechanical shock or vibration
until the LEDs return to room temperature.
• When it is necessary to clamp the LEDs to prevent soldering failure, it is important to
minimize the mechanical stress on the LEDs.
• Cut the LED leads at room temperature. Cutting the leads at high temperature may cause
the failure of the LEDs.
Soldering Conditions
4. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com