Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF3330 Datasheet(PDF) 13 Page - LOGIC Devices Incorporated

Part # LF3330
Description  Vertical Digital Image Filter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3330 Datasheet(HTML) 13 Page - LOGIC Devices Incorporated

Back Button LF3330 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3330 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3330 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3330 Datasheet HTML 10Page - LOGIC Devices Incorporated LF3330 Datasheet HTML 11Page - LOGIC Devices Incorporated LF3330 Datasheet HTML 12Page - LOGIC Devices Incorporated LF3330 Datasheet HTML 13Page - LOGIC Devices Incorporated LF3330 Datasheet HTML 14Page - LOGIC Devices Incorporated LF3330 Datasheet HTML 15Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DEVICES INCORPORATED
Video Imaging Products
13
LF3330
Vertical Digital Image Filter
11/08/2001–LDS.3330-M
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
123456789012345678901234567890121234567890
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
1234567890123456789012345678
COMMERCIAL OPERATING RANGE (0°C to +70°C)
SWITCHING WAVEFORMS:
LF INTERFACETM
MILITARY OPERATING RANGE (–55°C to +125°C)
CLK
tPW
tPW
tCYC
tLS
tCFS
tCFH
ADDRESS
tLH
LD
12
45
3
CF1
CF0
6
PAUSE
tPS
tPH
CF11–0
CF2
LF3330–
25*
18*
15*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCFS
Coefficient Input Setup Time
8
6
5
tCFH
Coefficient Input Hold Time
0
0
0
tLS
Load Setup Time
8
7
6
tLH
Load Hold Time
0
0
0
tPS
PAUSE Setup Time
8
6
5
tPH
PAUSE Hold Time
0.5
0.5
0.5
LF3330–
25*
18*
15
12
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
tCFS
Coefficient Input Setup Time
8655
tCFH
Coefficient Input Hold Time
0000
tLS
Load Setup Time
8764
tLH
Load Hold Time
0000
tPS
PAUSE Setup Time
8654
tPH
PAUSE Hold Time
0.5
0.5
0.5
0.5
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com