Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED740 Datasheet(PDF) 7 Page - Roithner LaserTechnik GmbH

Part # LED740
Description  Infrared LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED740 Datasheet(HTML) 7 Page - Roithner LaserTechnik GmbH

  LED740 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED740 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED740 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED740 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED740 Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED740 Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED740 Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
05.11.2012
LED740-series
7 of 7
Precaution for Use
1.
Cautions
•
DO NOT look directly into the emitting area of the LED or through the optical system during operation!
To prevent in adequate exposure of the radiation, wear protective glasses.
•
This LED is emitting invisible light.
2.
Lead Forming
•
Lead forming should be done before soldering.
•
When forming leads, the leads should be bent at a point at
least 3 mm from the base of the lead. DO NOT use the base of
the lead frame as a fulcrum during lead forming!
•
DO NOT apply any bending stress to the base of the lead. The
stress to the base may damage the LED’s characteristics or it
may break the LEDs.
•
When mounted the LEDs onto the printed circuit board, the
holes on the circuit board should be exactly aligned with the
leads of LEDs. If the LEDs are mounted with stress at the
leads, it causes deterioration of the lead and it will degrade the
LEDs.
Recommended Land Layout
(Unit: mm)
3.
Soldering Conditions
•
Solder the LEDs no closer than 3 mm from the base of the
lead.
•
DO NOT apply any stress to the lead particularly when heat.
•
After soldering the LEDs, the lead should be protected from
mechanical shock or vibration until the LEDs return to room
temperature.
•
The LEDs must not be reposition after soldering.
•
When it is necessary to clamp the LEDs to prevent soldering
failure, it is important to minimize the mechanical stress on the
LEDs.
•
Cut the LED leads at room temperature. Cutting the leads at
high temperature may cause the failure of the LEDs.
Soldering Conditions
4.
Static Electricity
•
The LEDs are very sensitive to Static Electricity and surge
voltage. So it is recommended that a wrist band and/or an anti-
electrostatic glove be used when handling the LEDs.
•
All devices, equipment and machinery must be grounded
properly. It is recommended that precautions should be taken
against surge voltage to the equipment that mounts the LEDs.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com