Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRS7040 Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # NRS7040
Description  Three phase rectifier stack (with press-fit diodes), 700A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NRS7040 Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  NRS7040 Datasheet HTML 1Page - Naina Semiconductor ltd. NRS7040 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
NRS7040
2
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Package Outline
ALL DIMENSIONS IN MM
Ordering Table
NRS
70
40
1
2
3
1 – Rectifier Stack
2 – Current Rating x 10 =
IDC
3 – VRRM = Voltage x 10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com