Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF9502JC25 Datasheet(PDF) 7 Page - LOGIC Devices Incorporated

Part # LF9502JC25
Description  2K Programmable Line Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF9502JC25 Datasheet(HTML) 7 Page - LOGIC Devices Incorporated

  LF9502JC25 Datasheet HTML 1Page - LOGIC Devices Incorporated LF9502JC25 Datasheet HTML 2Page - LOGIC Devices Incorporated LF9502JC25 Datasheet HTML 3Page - LOGIC Devices Incorporated LF9502JC25 Datasheet HTML 4Page - LOGIC Devices Incorporated LF9502JC25 Datasheet HTML 5Page - LOGIC Devices Incorporated LF9502JC25 Datasheet HTML 6Page - LOGIC Devices Incorporated LF9502JC25 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DEVICES INCORPORATED
7
LF9502
2K Programmable Line Buffer
08/16/2000–LDS.9502-G
Video Imaging Products
44-pin
ORDERING INFORMATION
44
1
2
3
4
5
6
39
38
37
36
35
34
33
32
31
30
29
43 42 41 40
25
24
26 27 28
19
18
20 21 22 23
7
8
9
10
11
12
13
14
15
16
17
Top
View
DO0
DO1
DO2
DO3
DO4
VCC
GND
DO5
DO6
DO7
DO8
DI0
DI1
DI2
DI3
DI4
VCC
GND
DI5
DI6
DI7
DI8
0°C to +70°C — COMMERCIAL SCREENING
Speed
25 ns
20 ns
Plastic J-Lead Chip Carrier
(J1)
LF9502JC25
LF9502JC20
–40°C to +85°C — COMMERCIAL SCREENING



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com