Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF9502JC20 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # LF9502JC20
Description  2K Programmable Line Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF9502JC20 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  LF9502JC20 Datasheet HTML 1Page - LOGIC Devices Incorporated LF9502JC20 Datasheet HTML 2Page - LOGIC Devices Incorporated LF9502JC20 Datasheet HTML 3Page - LOGIC Devices Incorporated LF9502JC20 Datasheet HTML 4Page - LOGIC Devices Incorporated LF9502JC20 Datasheet HTML 5Page - LOGIC Devices Incorporated LF9502JC20 Datasheet HTML 6Page - LOGIC Devices Incorporated LF9502JC20 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DEVICES INCORPORATED
LF9502
2K Programmable Line Buffer
2
08/16/2000–LDS.9502-G
Video Imaging Products
Outputs
DO9-0 — Data Output
The 10-bit data output appears on
DO9-0 on the Nth clock cycle, where N
is the overall delay (desired delay).
Controls
LCEN — Length Control Enable
When LCEN is driven LOW, the next
active clock edge will cause the
loading of the delay value present at
the LC10-0 input.
OE — Output Enable
The Output Enable controls the state
of DO9-0. Driving OE LOW enables
the output port. When OE is HIGH,
DO9-0 is placed in a high-impedance
state. The internal transfer of data is
not affected by this control.
MODSEL — Mode Select
The Mode Select pin is used to choose
the desired mode of operation: data
delay mode or data recirculation
mode. Driving MODSEL LOW places
the device in the delay mode. The
device operates as a programmable
pipeline register. New data from the
DI9-0 input is loaded on every active
edge of CLK. Driving MODSEL
HIGH places the device in the data
recirculation mode. The device
operates as a programmable circular
buffer. The output of the device is
routed back to the input. MODSEL
may be changed during device
operation (synchronously), however,
the required setup and hold times,
with respect to CLK, must be met.
SIGNAL DEFINITIONS
Power
VCC and GND
+5 V power supply. All pins must be
connected.
Clock
CLK — Master Clock
The active edge of CLK, selected by
CLKSEL, strobes all registers. All
timing specifications are referenced to
the active edge of CLK.
Inputs
DI9-0 — Data Input
10-bit data, from the data input, is
latched into the device on the active
edge of CLK when MODSEL is LOW.
LC10-0 — Length Control Input
The 11-bit value is used to specify the
length of the delay buffer, between
DI9-0 and DO9-0, or the amount of
recirculation delay. An integer value
ranging from 0 to 2047 is used to
select a delay ranging from 2 to 2049
clock cycles. The value placed on the
LC10-0 inputs is equal to the desired
delay minus 2. The data presented on
LC10-0 is loaded into the device on the
active edge of CLK, selected by
CLKSEL, in conjunction with LCEN
being driven LOW.
CLKSEL — Clock Select
The CLKSEL control allows the
selection of the active edge of CLK. A
LOW on CLKSEL selects negative-
edge triggering of the device. Driving
CLKSEL HIGH selects positive-edge
triggering. All timing specifications
are referrenced to the selected active
edge of CLK.
CLKEN — Clock Enable
The Clock Enable control enables and
disables the CLK input. Driving
CLKEN LOW enables CLK and causes
the device to operate in a normal
fashion. When CLKEN is HIGH, CLK
is disabled and the device will hold all
internal operations and data. CLKEN
may be changed during device
operation (synchronously), however,
the required setup and hold times,
with respect to CLK, must be met.
The changing of CLKEN takes effect
on the active edge of CLK following
the edge in which it was latched.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com