Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS12JC40 Datasheet(PDF) 8 Page - LOGIC Devices Incorporated

Part # LMS12JC40
Description  12-bit Cascadable Multiplier-Summer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMS12JC40 Datasheet(HTML) 8 Page - LOGIC Devices Incorporated

  LMS12JC40 Datasheet HTML 1Page - LOGIC Devices Incorporated LMS12JC40 Datasheet HTML 2Page - LOGIC Devices Incorporated LMS12JC40 Datasheet HTML 3Page - LOGIC Devices Incorporated LMS12JC40 Datasheet HTML 4Page - LOGIC Devices Incorporated LMS12JC40 Datasheet HTML 5Page - LOGIC Devices Incorporated LMS12JC40 Datasheet HTML 6Page - LOGIC Devices Incorporated LMS12JC40 Datasheet HTML 7Page - LOGIC Devices Incorporated LMS12JC40 Datasheet HTML 8Page - LOGIC Devices Incorporated LMS12JC40 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DEVICES INCORPORATED
LMS12
12-bit Cascadable Multiplier-Summer
Multiplier-Summers
08/16/2000–LDS.S12-J
8
84-pin
ORDERING INFORMATION
0°C to +70°C — COMMERCIAL SCREENING
Speed
40 ns
35 ns
Plastic J-Lead Chip Carrier
(J3)
LMS12JC40
LMS12JC35
1
2
3
4
5
6
7
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
84 83 82 81 80 79
44
43
45 46 47
49
38
37
39 40 41 42
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
48
Top
View
8
9
10
11
78 77 76 75
36
35
34
33
50 51 52 53
B2
B3
B4
CLK
B5
B6
B7
B8
B9
B10
B11
ENB
S25
S24
S23
S22
S21
S20
OE
FTS
VCC
GND
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
C17
C18
C19
C20
C21
C22
C23
C24



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com