Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMU112 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # LMU112
Description  12 x 12-bit Parallel Multiplier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU112 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  LMU112 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU112 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU112 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU112 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU112 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU112 Datasheet HTML 6Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DEVICES INCORPORATED
LMU112
12 x 12-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.112-K
2
FIGURE 1A.INPUT FORMATS
11 10 9
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–9 2–10 2–11
11 10 9
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–9 2–10 2–11
Fractional Two’s Complement (TC = 1)
11 10 9
2
1
0
–2
11
(Sign)
2
10
2
9
2
2
2
1
2
0
11 10 9
2
1
0
–2
11
(Sign)
2
10
2
9
2
2
2
1
2
0
Integer Two’s Complement (TC = 1)
11 10 9
2
1
0
2
–1 2–2 2–3
2
–10 2–11 2–12
11 10 9
2
1
0
2
–1 2–2 2–3
2
–10 2–11 2–12
Unsigned Fractional (TC = 0)
11 10 9
2
1
0
2
11 210 29
2
2
2
1
2
0
11 10 9
2
1
0
2
11 210 29
2
2
2
1
2
0
Unsigned Integer (TC = 0)
AIN
BIN
FIGURE 1B.OUTPUT FORMATS
23 22 21
14 13 12
–2
0
(Sign)
2
–1 2–2
2
–9 2–10 2–11
11 10
9
8
2
–12 2–13 2–14 2–15
Fractional Two’s Complement
Integer Two’s Complement
Unsigned Fractional
Unsigned Integer
MSP
LSP
23 22 21
14 13 12
–2
22
(Sign)
2
21 220
2
13 212 211
11 10
9
8
2
10
2
9
2
8
2
7
23 22 21
14 13 12
2
–1 2–2 2–3
2
–10 2–11 2–12
11 10
9
8
2
–13 2–14 2–15 2–16
23 22 21
14 13 12
2
23 222 221
2
14 213 212
11 10
9
8
2
11
2
10
2
9
2
8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com