Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3693 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3693
Description  36V, 3.5A, 2.4MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3693 Datasheet(HTML) 2 Page - Linear Technology

  LT3693_15 Datasheet HTML 1Page - Linear Technology LT3693_15 Datasheet HTML 2Page - Linear Technology LT3693_15 Datasheet HTML 3Page - Linear Technology LT3693_15 Datasheet HTML 4Page - Linear Technology LT3693_15 Datasheet HTML 5Page - Linear Technology LT3693_15 Datasheet HTML 6Page - Linear Technology LT3693_15 Datasheet HTML 7Page - Linear Technology LT3693_15 Datasheet HTML 8Page - Linear Technology LT3693_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3693
2
3693f
ELECTRICAL CHARACTERISTICS
VIN, RUN/SS Voltage.................................................36V
BOOST Pin Voltage ...................................................56V
BOOST Pin Above SW Pin.........................................30V
FB, RT, VC Voltage.......................................................5V
PG, BD Voltage .........................................................30V
SYNC Voltage............................................................20V
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
●
3
3.6
V
Quiescent Current from VIN
VRUN/SS = 0.2V
0.01
0.5
μA
VBD = 3V, Not Switching
●
0.45
1.2
mA
VBD = 0, Not Switching
1.3
2.3
mA
Quiescent Current from BD
VRUN/SS = 0.2V
0.01
0.5
μA
VBD = 3V, Not Switching
●
0.9
1.8
mA
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUN/SS = 10V, VBOOST = 15V, VBD = 3.3V unless otherwise
noted. (Note 2)
ABSOLUTE
AXI U
RATI GS
Operating Junction Temperature Range (Note 2)
LT3693E............................................. –40°C to 125°C
LT3693I.............................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(MSE Only) ....................................................... 300°C
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
11
2
1
RT
VC
FB
PG
SYNC
BD
BOOST
SW
VIN
RUN/SS
θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
BD
BOOST
SW
VIN
RUN/SS
10
9
8
7
6
RT
VC
FB
PG
SYNC
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
11
θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3693EDD#PBF
LT3693EDD#TRPBF
LDGB
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3693IDD#PBF
LT3693IDD#TRPBF
LDGB
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3693EMSE#PBF
LT3693EMSE#TRPBF
LTDFZ
10-Lead Plastic MSOP
–40°C to 125°C
LT3693IMSE#PBF
LT3693IMSE#TRPBF
LTDFZ
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com