Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH32JC32 Datasheet(PDF) 9 Page - LOGIC Devices Incorporated

Part # LSH32JC32
Description  32-bit Cascadable Barrel Shifter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LSH32JC32 Datasheet(HTML) 9 Page - LOGIC Devices Incorporated

  LSH32JC32 Datasheet HTML 1Page - LOGIC Devices Incorporated LSH32JC32 Datasheet HTML 2Page - LOGIC Devices Incorporated LSH32JC32 Datasheet HTML 3Page - LOGIC Devices Incorporated LSH32JC32 Datasheet HTML 4Page - LOGIC Devices Incorporated LSH32JC32 Datasheet HTML 5Page - LOGIC Devices Incorporated LSH32JC32 Datasheet HTML 6Page - LOGIC Devices Incorporated LSH32JC32 Datasheet HTML 7Page - LOGIC Devices Incorporated LSH32JC32 Datasheet HTML 8Page - LOGIC Devices Incorporated LSH32JC32 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DEVICES INCORPORATED
LSH32
32-bit Cascadable Barrel Shifter
Special Arithmetic Functions
08/16/2000–LDS.32-Q
9
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
1234567890123456789012345678901212345678901234567
Discontinued Package
68-pin
ORDERING INFORMATION
68-pin
0°C to +70°C — COMMERCIAL SCREENING
Plastic J-Lead Chip Carrier
(J2)
LSH32JC32
LSH32JC20
Speed
32 ns
20 ns
Ceramic Pin Grid Array
(G1)
–55°C to +125°C — MIL-STD-883 COMPLIANT
–55°C to +125°C — COMMERCIAL SCREENING
A
B
C
D
E
F
G
H
J
K
L
Top View
Through Package
(i.e., Component Side Pinout)
12345
6
7
8
9
10
11
I29
I30
SIGN
SO3
SO1
NORM
SI3
SI1
R/L
Y30/14
Y29/13
I28
I27
Y28/12
Y27/11
I26
I25
Y26/10
Y25/9
I24
I23
Y24/8
Y23/7
I22
I21
Y22/6
Y21/5
I20
I19
Y20/4
Y19/3
I18
I17
Y18/2
Y17/1
I16
I15
Y16/0
OE
I14
GND
I12
I10
I8
I6
I4
I2
I0
VCC
MS/LS
I31
SO4
SO2
SO0
SI4
SI2
SI0
F/W
Y31/15
GND
I13
I11
I9
I7
I5
I3
I1
VCC
67
68
64
65
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
3
Top
View
466
63 62
1
2
27
32 33 34 35 36 37 38
61
39 40
9
41 42 43
5
86
7
28 29 30 31
GND
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
VCC
VCC
I30
I31
SIGN
SO4
SO3
SO2
SO1
SO0
NORM
SI4
SI3
SI2
SI1
SI0
R/L
F/W
Y31/15



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com