Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3973 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3973
Description  42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3973 Datasheet(HTML) 2 Page - Linear Technology

  LT3973_15 Datasheet HTML 1Page - Linear Technology LT3973_15 Datasheet HTML 2Page - Linear Technology LT3973_15 Datasheet HTML 3Page - Linear Technology LT3973_15 Datasheet HTML 4Page - Linear Technology LT3973_15 Datasheet HTML 5Page - Linear Technology LT3973_15 Datasheet HTML 6Page - Linear Technology LT3973_15 Datasheet HTML 7Page - Linear Technology LT3973_15 Datasheet HTML 8Page - Linear Technology LT3973_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3973/LT3973-3.3/LT3973-5
2
3973fb
For more information www.linear.com/LT3973
VIN, EN/UVLO Voltage...............................................42V
BOOST Pin Voltage ...................................................55V
BOOST Pin Above SW Pin.........................................25V
FB/VOUT, RT, PG Voltage.............................................6V
BD Voltage ................................................................25V
OUT Voltage..............................................................14V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3973EDD#PBF
LT3973EDD#TRPBF
LGCH
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3973IDD#PBF
LT3973IDD#TRPBF
LGCH
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3973HDD#PBF
LT3973HDD#TRPBF
LGCH
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 150°C
LT3973EMSE#PBF
LT3973EMSE#TRPBF
LTFYS
10-Lead Plastic MSOP
–40°C to 125°C
LT3973IMSE#PBF
LT3973IMSE#TRPBF
LTFYS
10-Lead Plastic MSOP
–40°C to 125°C
LT3973HMSE#PBF
LT3973HMSE#TRPBF
LTFYS
10-Lead Plastic MSOP
–40°C to 150°C
LT3973EMSE-3.3#PBF
LT3973EMSE-3.3#TRPBF LTGGB
10-Lead Plastic MSOP
–40°C to 125°C
LT3973IMSE-3.3#PBF
LT3973IMSE-3.3#TRPBF LTGGB
10-Lead Plastic MSOP
–40°C to 125°C
LT3973HMSE-3.3#PBF
LT3973HMSE-3.3#TRPBF LTGGB
10-Lead Plastic MSOP
–40°C to 150°C
LT3973EDD-3.3#PBF
LT3973EDD-3.3#TRPBF
LGGC
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3973IDD-3.3#PBF
LT3973IDD-3.3#TRPBF
LGGC
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3973HDD-3.3#PBF
LT3973HDD-3.3#TRPBF
LGGC
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 150°C
LT3973EMSE-5#PBF
LT3973EMSE-5#TRPBF
LTGGD
10-Lead Plastic MSOP
–40°C to 125°C
LT3973IMSE-5#PBF
LT3973IMSE-5#TRPBF
LTGGD
10-Lead Plastic MSOP
–40°C to 125°C
LT3973HMSE-5#PBF
LT3973HMSE-5#TRPBF
LTGGD
10-Lead Plastic MSOP
–40°C to 150°C
ABSOLUTE MAXIMUM RATINGS
TOP VIEW
11
GND
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
RT
PG
BD
BOOST
SW
*FB/VOUT
OUT
EN/UVLO
VIN
GND
θJA = 40°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
*FB/VOUT
OUT
EN/UVLO
VIN
GND
10
9
8
7
6
RT
PG
BD
BOOST
SW
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
11
GND
θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
* FB for LT3973, VOUT for LT3973-3.3, LT3973-5.
PIN CONFIGURATION
Operating Junction Temperature Range (Note 2)
LT3973E/LT3973E-X.......................... –40°C to 125°C
LT3973I/LT3973I-X............................ –40°C to 125°C
LT3973H/LT3973H-X ......................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSE Only..........................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com