Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5527 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5527
Description  400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5527 Datasheet(HTML) 2 Page - Linear Technology

  LT5527_15 Datasheet HTML 1Page - Linear Technology LT5527_15 Datasheet HTML 2Page - Linear Technology LT5527_15 Datasheet HTML 3Page - Linear Technology LT5527_15 Datasheet HTML 4Page - Linear Technology LT5527_15 Datasheet HTML 5Page - Linear Technology LT5527_15 Datasheet HTML 6Page - Linear Technology LT5527_15 Datasheet HTML 7Page - Linear Technology LT5527_15 Datasheet HTML 8Page - Linear Technology LT5527_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT5527
2
5527fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC1, VCC2, IF+, IF–).......................5.5V
Enable Voltage ................................ –0.3V to VCC + 0.3V
LO Input Power (380MHz to 4GHz)......................10dBm
LO Input DC Voltage ..............................–1V to VCC + 1V
Continuous RF Input Power
(400MHz to 4GHz) ...............................................12dBm
RF Input Power (400MHz to 4GHz)......................15dBm
RF Input DC Voltage...............................................±0.1V
Operating Temperature Range ................ –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
Junction Temperature (TJ) ................................... 125°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm
4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
NC
NC
RF
NC
GND
IF+
IF–
GND
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT5527EUF#PBF
LT5527EUF#TRPBF
5527
16-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
DC ELECTRICAL CHARACTERISTICS V
CC = 5V, EN = High, TA = 25°C, unless otherwise specified. Test
circuit shown in Figure 1. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Requirements (VCC)
Supply Voltage
4.5
5
5.25
VDC
Supply Current
VCC1 (Pin 7)
VCC2 (Pin 6)
IF+ + IF– (Pin 11 + Pin 10)
Total Supply Current
23.2
2.8
52
78
60
88
mA
mA
mA
mA
Enable (EN) Low = Off, High = On
Shutdown Current
EN = Low
100
μA
Input High Voltage (On)
3
VDC
Input Low Voltage (Off)
0.3
VDC
EN Pin Input Current
EN = 5VDC
50
90
μA
Turn-ON Time
3μs
Turn-OFF Time
3μs
AC ELECTRICAL CHARACTERISTICS Test circuit shown in Figure 1. (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Frequency Range
No External Matching (Midband)
With External Matching (Low Band or High Band)
400
1700 to 3000
3700
MHz
MHz
LO Input Frequency Range
No External Matching
With External Matching
380
1200 to 3500
MHz
MHz
IF Output Frequency Range
Requires Appropriate IF Matching
0.1 to 600
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com