Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5558 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5558
Description  600MHz to 1100MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5558 Datasheet(HTML) 2 Page - Linear Technology

  LT5558_15 Datasheet HTML 1Page - Linear Technology LT5558_15 Datasheet HTML 2Page - Linear Technology LT5558_15 Datasheet HTML 3Page - Linear Technology LT5558_15 Datasheet HTML 4Page - Linear Technology LT5558_15 Datasheet HTML 5Page - Linear Technology LT5558_15 Datasheet HTML 6Page - Linear Technology LT5558_15 Datasheet HTML 7Page - Linear Technology LT5558_15 Datasheet HTML 8Page - Linear Technology LT5558_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT5558
2
5558fa
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................5.5V
Common-Mode Level of BBPI, BBMI and
BBPQ, BBMQ .......................................................2.5V
Voltage on any Pin
Not to Exceed....................–500mV to (VCC + 500mV)
Operating Ambient Temperature
(Note 2) ............................................... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Output (RF)
fRF
RF Frequency Range
–3 dB Bandwidth
–1 dB Bandwidth
600 to 1100
680 to 960
MHz
MHz
S22, ON
RF Output Return Loss
EN = High (Note 6)
–15.8
dB
S22, OFF
RF Output Return Loss
EN = Low (Note 6)
–13.3
dB
NFloor
RF Output Noise Floor
No Input Signal (Note 8)
PRF = 4dBm (Note 9)
PRF = 4dBm (Note 10)
–158
–152.7
–152.3
dBm/Hz
dBm/Hz
dBm/Hz
GP
Conversion Power Gain
POUT/PIN,I&Q
9.7
dB
GV
Conversion Voltage Gain
20 • Log (VOUT, 50Ω/VIN, DIFF, I or Q)
–5.1
dB
POUT
Absolute Output Power
1VP-P DIFF CW Signal, I and Q
–1.1
dBm
G3LO vs LO
3 • LO Conversion Gain Difference
(Note 17)
–26.5
dB
OP1dB
Output 1dB Compression
(Note 7)
7.8
dBm
OIP2
Output 2nd Order Intercept
(Notes 13, 14)
65
dBm
OIP3
Output 3rd Order Intercept
(Notes 13, 15)
22.4
dBm
IR
Image Rejection
(Note 16)
–49
dBc
LOFT
Carrier Leakage
(LO Feedthrough)
EN = High, PLO = 0dBm (Note 16)
EN = Low, PLO = 0dBm (Note 16)
–43.7
dBm
–60
dBm
EVM
GSM Error Vector Magnitude
PRF = 2dBm
0.6
%
LO Input (LO)
fLO
LO Frequency Range
600 to 1100
MHz
PLO
LO Input Power
–10
0
5
dBm
VCC = 5V, EN = High, TA = 25°C, fLO = 900MHz, fRF = 902MHz,
PLO = 0dBm. BBPI, BBMI, BBPQ, BBMQ CM input voltage = 2.1VDC, baseband input frequency = 2MHz, I and Q 90° shifted
(upper sideband selection). PRF(OUT) = –10dBm, unless otherwise noted. (Note 3)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
16 15 14 13
5
6
7
8
TOP VIEW
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
EN
GND
LO
GND
GND
RF
GND
GND
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE
SOLDERED TO PCB
ORDER PART NUMBER
LT5558EUF
UF PART MARKING
5558
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com