Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5560 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5560
Description  0.01MHz to 4GHz Low Power Active Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5560 Datasheet(HTML) 2 Page - Linear Technology

  LT5560_15 Datasheet HTML 1Page - Linear Technology LT5560_15 Datasheet HTML 2Page - Linear Technology LT5560_15 Datasheet HTML 3Page - Linear Technology LT5560_15 Datasheet HTML 4Page - Linear Technology LT5560_15 Datasheet HTML 5Page - Linear Technology LT5560_15 Datasheet HTML 6Page - Linear Technology LT5560_15 Datasheet HTML 7Page - Linear Technology LT5560_15 Datasheet HTML 8Page - Linear Technology LT5560_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT5560
2
5560f
DC ELECTRICAL CHARACTERISTICS
Supply Voltage .........................................................5.5V
Enable Voltage ................................ –0.3V to VCC + 0.3V
LO Input Power (Differential) .............................+10dBm
Input Signal Power (Differential)........................+10dBm
IN+, IN– DC Currents..............................................10mA
OUT+, OUT– DC Current.........................................10mA
TJMAX .................................................................... 125°C
Operating Temperature Range .................–40°C to 85°C
Storage Temperature Range...................–65°C to 125°C
(Note 1)
VCC = 3V, EN = 3V, TA = 25°C, unless otherwise noted. Test circuit
shown in Figure 1. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Requirements (VCC)
Supply Voltage
2.7
3
5.3
V
Supply Current
VCC = 3V, R1 = 3Ω
10
12
mA
Shutdown Current
EN = 0.3V, VCC = 3V
0.1
10
µA
Enable (EN) Low = Off, High = On
EN Input High Voltage (On)
2V
EN Input Low Voltage (Off)
0.3
V
Enable Pin Input Current
EN = 3V
EN = 0.3V
25
0.1
µA
µA
Turn On Time
2µs
Turn Off Time
5µs
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
LO–
EN
IN+
IN–
LO+
VCC
OUT+
OUT–
9
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) IS GND
MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DD PART MARKING
LT5560EDD
LCBX
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
AC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Signal Input Frequency Range (Note 4)
Requires External Matching
< 4000
MHz
LO Input Frequency Range (Note 4)
Requires External Matching
< 4000
MHz
Signal Output Frequency Range (Note 4)
Requires External Matching
< 4000
MHz
(Notes 2 and 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com