Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6350 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6350
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 2 Page - Linear Technology

  LT6350_15 Datasheet HTML 1Page - Linear Technology LT6350_15 Datasheet HTML 2Page - Linear Technology LT6350_15 Datasheet HTML 3Page - Linear Technology LT6350_15 Datasheet HTML 4Page - Linear Technology LT6350_15 Datasheet HTML 5Page - Linear Technology LT6350_15 Datasheet HTML 6Page - Linear Technology LT6350_15 Datasheet HTML 7Page - Linear Technology LT6350_15 Datasheet HTML 8Page - Linear Technology LT6350_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT6350
2
6350fc
For more information www.linear.com/LT6350
pin conFiguraTion
absoluTe MaxiMuM raTings
Total Supply Voltage
(V+ – V–)............................................................12.6V
Input Current (Note 2)..........................................±20mA
Output Short-Circuit Current Duration
(Note 3)............................................................ Indefinite
Operating Temperature Range
(Note 4)..................................................–40°C to 125°C
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
–IN1
+IN2
V+
OUT1
+IN1
SHDN
V–
OUT2
9
TJMAX = 150°C, θJA = 43°C/W
UNDERSIDE METAL CONNECTED TO V–
1
2
3
4
–IN1
+IN2
V+
OUT1
8
7
6
5
+IN1
SHDN
V–
OUT2
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 250°C/W
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6350CDD#PBF
LT6350CDD#TRPBF
LFJT
8-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LT6350IDD#PBF
LT6350IDD#TRPBF
LFJT
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LT6350HDD#PBF
LT6350HDD#TRPBF
LFJT
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT6350CMS8#PBF
LT6350CMS8#TRPBF
LTFJV
8-Lead Plastic MSOP
0°C to 70°C
LT6350IMS8#PBF
LT6350IMS8#TRPBF
LTFJV
8-Lead Plastic MSOP
–40°C to 85°C
LT6350HMS8#PBF
LT6350HMS8#TRPBF
LTFJV
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range
(Note 5)..................................................–40°C to 125°C
Maximum Junction Temperature........................... 150°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP Package Only ............................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com