Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6654 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6654
Description  Precision Wide Supply High Output Drive Low Noise Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6654 Datasheet(HTML) 2 Page - Linear Technology

  LT6654_15 Datasheet HTML 1Page - Linear Technology LT6654_15 Datasheet HTML 2Page - Linear Technology LT6654_15 Datasheet HTML 3Page - Linear Technology LT6654_15 Datasheet HTML 4Page - Linear Technology LT6654_15 Datasheet HTML 5Page - Linear Technology LT6654_15 Datasheet HTML 6Page - Linear Technology LT6654_15 Datasheet HTML 7Page - Linear Technology LT6654_15 Datasheet HTML 8Page - Linear Technology LT6654_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT6654
2
6654fe
For more information www.linear.com/LT6654
pin conFiguraTion
absoluTe MaxiMuM raTings
(Note 1)
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
VOUT
DNC
VIN
GND*
GND
DNC
TJMAX = 150°C, θJA = 192°C/W
DNC: CONNECTED INTERNALLY
DO NOT CONNECT EXTERNAL
CIRCUITRY TO THESE PINS
*CONNECT PIN TO DEVICE GND (PIN 2)
1
2
3
DNC
NC
GND
7
6
5
DNC
VOUT
VOUT
4
GND*
8
VIN
TOP VIEW
LS8 PACKAGE
8-PIN LEADLESS CHIP CARRIER (5mm
× 5mm)
TJMAX = 150°C, θJA = 125°C/W
DNC: CONNECTED INTERNALLY
DO NOT CONNECT EXTERNAL
CIRCUITRY TO THESE PINS
*CONNECT PIN TO DEVICE GND (PIN 3)
Input Voltage VIN to GND ........................... –0.3V to 38V
Output Voltage VOUT ........................ –0.3V to VIN + 0.3V
Output Short-Circuit Duration ......................... Indefinite
Specified Temperature Range
H-Grade ............................................. –40°C to 125°C
MP-Grade .......................................... –55°C to 125°C
Operating Temperature Range ............... –55°C to 125°C
Storage Temperature Range (Note 2)..... –65°C to 150°C
Lead Temperature (Soldering, 10 sec.)
(Note 9).................................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com