Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6656 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6656
Description  1A Precision Series Voltage Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656 Datasheet(HTML) 2 Page - Linear Technology

  LT6656_15 Datasheet HTML 1Page - Linear Technology LT6656_15 Datasheet HTML 2Page - Linear Technology LT6656_15 Datasheet HTML 3Page - Linear Technology LT6656_15 Datasheet HTML 4Page - Linear Technology LT6656_15 Datasheet HTML 5Page - Linear Technology LT6656_15 Datasheet HTML 6Page - Linear Technology LT6656_15 Datasheet HTML 7Page - Linear Technology LT6656_15 Datasheet HTML 8Page - Linear Technology LT6656_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT6656
2
6656fc
For more information www.linear.com/LT6656
ABSOLUTE MAXIMUM RATINGS
Input Voltage...........................................................±20V
Output Voltage ........................................... –0.3V to 20V
Output Voltage Above Input Voltage .........................20V
Specified Temperature Range (Note 2)
Commercial ............................................. 0°C to 70°C
Industrial .............................................–40°C to 85°C
(Note 1)
ORDER INFORMATION
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6656ACS6-1.25#TRMPBF
LT6656ACS6-1.25#TRPBF
LTFNK
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656BCS6-1.25#TRMPBF
LT6656BCS6-1.25#TRPBF
LTFNK
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656AIS6-1.25#TRMPBF
LT6656AIS6-1.25#TRPBF
LTFNK
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656BIS6-1.25#TRMPBF
LT6656BIS6-1.25#TRPBF
LTFNK
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656ACS6-2.048#TRMPBF LT6656ACS6-2.048#TRPBF LTFNN
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656BCS6-2.048#TRMPBF LT6656BCS6-2.048#TRPBF LTFNN
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656AIS6-2.048#TRMPBF LT6656AIS6-2.048#TRPBF
LTFNN
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656BIS6-2.048#TRMPBF LT6656BIS6-2.048#TRPBF
LTFNN
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656ACS6-2.5#TRMPBF
LT6656ACS6-2.5#TRPBF
LTFGW
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656BCS6-2.5#TRMPBF
LT6656BCS6-2.5#TRPBF
LTFGW
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656AIS6-2.5#TRMPBF
LT6656AIS6-2.5#TRPBF
LTFGW
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656BIS6-2.5#TRMPBF
LT6656BIS6-2.5#TRPBF
LTFGW
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656ACS6-3#TRMPBF
LT6656ACS6-3#TRPBF
LTFNQ
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656BCS6-3#TRMPBF
LT6656BCS6-3#TRPBF
LTFNQ
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656AIS6-3#TRMPBF
LT6656AIS6-3#TRPBF
LTFNQ
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656BIS6-3#TRMPBF
LT6656BIS6-3#TRPBF
LTFNQ
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656ACS6-3.3#TRMPBF
LT6656ACS6-3.3#TRPBF
LTFNS
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656BCS6-3.3#TRMPBF
LT6656BCS6-3.3#TRPBF
LTFNS
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656AIS6-3.3#TRMPBF
LT6656AIS6-3.3#TRPBF
LTFNS
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656BIS6-3.3#TRMPBF
LT6656BIS6-3.3#TRPBF
LTFNS
6-Lead Plastic TSOT-23
–40°C to 85°C
Operating Temperature Range (Note 2).. –55°C to 125°C
Output Short Circuit Duration ......................... Indefinite
Junction Temperature .......................................... 150°C
Storage Temperature Range (Note 3)..... –65°C to 150°C
Lead Temperature (Soldering, 10 sec.)
TSOT-23 (Note 4)..............................................300°C
GND* 1
GND 2
NC 3
6 VOUT
5 NC
4 VIN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 230°C/W
*CONNECT PIN TO DEVICE GND (PIN 2)
TOP VIEW
VIN
NC
VOUT
NC
GND
GND*
DC PACKAGE
6-LEAD (2mm
× 2mm) PLASTIC DFN
4
5
7
GND*
6
3
2
1
TJMAX = 125°C, θJA = 102°C/W
EXPOSED PAD (PIN 7) MUST BE CONNECTED TO GND
1
2
3
NC
NC
GND*
7
6
5
NC
VOUT
VOUT
4
GND
8
VIN
TOP VIEW
LS8 PACKAGE
8-PIN LEADLESS CHIP CARRIER (5mm
× 5mm)
TJMAX = 150°C, θJA = 125°C/W
*CONNECT PIN TO DEVICE GND (PIN 4)
PIN CONFIGURATION
LEAD FREE FINISH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com