Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED820 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED820
Description  Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED820 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED820 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED820 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED820 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED820 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED820 Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED820 Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED820 Datasheet HTML 7Page - Roithner LaserTechnik GmbH LED820 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
21.11.2011
LED820-series
1 of 8
LED820-series
TECHNICAL DATA
Infrared LED
AlGaAs
LED820-series are AlGaAs LEDs mounted on a lead frame and encapsulated in various types of
epoxy lens, which offers different design settings.
On forward bias, it emits a high power radiation of typical 18 mW at a peak wavelength at 820 nm.
Specifications
• Structure: AlGaAs
• Peak Wavelength: typ. 820 nm
• Optical Ouput Power: typ. 18 mW
• Resin Material: Epoxy resin
• Solder: Lead free
Absolute Maximum Ratings (Ta=25°C)
Type
Symbol
Value
Unit
Power Dissipation
PD
170
mW
Forward Current
IF
100
mA
Pulse Forward Current
IFP
500
mA
Reverse Voltage
VR
5
V
Operating Temperature
TOP
-30 … +85
°C
Storage Temperature
TSTG
-40 … +100
°C
Soldering Temperature (for 5 sec.)
TSOL
265
°C
Electro-Optical Characteristics (Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 50 mA
-
1.6
1.8
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Radiated Power
PO
IF = 50 mA
16
18
-
mW
Peak Wavelength
λ
P
IF = 50 mA
805
820
835
nm
Half Width
Δλ
IF = 50 mA
-
35
-
nm
Rise Time
tr
IF = 50 mA
-
50
-
ns
Fall Time
tf
IF = 50 mA
-
25
-
ns


Similar Part No. - LED820

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED800 ROITHNER-LED800 Datasheet
1Mb / 8P
Infrared LED
LED810-01AU ROITHNER-LED810-01AU Datasheet
1,004Kb / 9P
Infrared LED Lamp
LED810-02AU ROITHNER-LED810-02AU Datasheet
1,004Kb / 9P
Infrared LED Lamp
LED810-03AU ROITHNER-LED810-03AU Datasheet
1,004Kb / 9P
Infrared LED Lamp
LED810-04AU ROITHNER-LED810-04AU Datasheet
1,004Kb / 9P
Infrared LED Lamp
More results

Similar Description - LED820

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
INFRARED LED?
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
Infrared LED
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com