Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED830 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED830
Description  Blue LED Lamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED830 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED830 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED830 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED830 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED830 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED830 Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED830 Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED830 Datasheet HTML 7Page - Roithner LaserTechnik GmbH LED830 Datasheet HTML 8Page - Roithner LaserTechnik GmbH LED830 Datasheet HTML 9Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
18.08.2010
led830_series.doc
1 of 9
LED830-series
Blue LED Lamp
This series of LED830-xx is an AlGaAs LED mounted on a lead frame and encapsulated
in various types of epoxy lens which offers different design settings.
On forward bias, it emits a high power radiation of typical 18mW with a peak wavelength
at 830nm.
● Specifications
1) Chip material
AlGaAs
2) Peak wavelength
830nm
3) Package
Eepoxy resin
4) Solder
Lead free
● Absolute Maximum Ratings
Item
Symbol
Maximum Rated
Value
Unit
Ambient Temperature
Power Dissipation
PD
170
mW
Ta=25°C
Forward Current
IF
100
mA
Ta=25°C
Reverse Voltage
VR
5
V
Ta=25°C
Operating Temperature
TOPR
-30 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +100
°C
Soldering Temperature
TSOL
265
°C
● Electro-Optical Characteristics [Ta=25°C]
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF=50mA
1.6
1.8
V
Reverse Current
IR
VR=5V
10
uA
Radiated Power
PO
IF=50mA
16.0
18.0
mW
Peak Wavelength
ΛP
IF=50mA
830
nm
Half Width
∆λ
IF=50mA
35
nm
Rise Time
tr
IF=50mA
50
ns
Fall Time
tf
IF=50mA
25
ns
Lead (Pb) Free Product – RoHS Compliant


Similar Part No. - LED830

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED830-66-60 ROITHNER-LED830-66-60 Datasheet
134Kb / 2P
High Power LED Array
More results

Similar Description - LED830

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MBB31D MICRO-ELECTRONICS-MBB31D Datasheet
56Kb / 1P
3mm BLUE LED LAMP
MBB32D MICRO-ELECTRONICS-MBB32D Datasheet
55Kb / 1P
3mm BLUE LED LAMP
MBB51W MICRO-ELECTRONICS-MBB51W Datasheet
56Kb / 1P
5mm BLUE LED LAMP
logo
Seoul Semiconductor
LB520 SEOUL-LB520 Datasheet
345Kb / 10P
BLUE LAMP LED
LB370 SEOUL-LB370 Datasheet
343Kb / 10P
BLUE LAMP LED
LB340 SEOUL-LB340 Datasheet
342Kb / 10P
BLUE LAMP LED
LB340 SEOUL-LB340_1 Datasheet
401Kb / 12P
BLUE LAMP LED
LB370 SEOUL-LB370_1 Datasheet
410Kb / 12P
BLUE LAMP LED
LB520 SEOUL-LB520_1 Datasheet
399Kb / 12P
BLUE LAMP LED
logo
Roithner LaserTechnik G...
LED430-33 ROITHNER-LED430-33 Datasheet
224Kb / 1P
blue led lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com