Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED970-XX Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED970-XX
Description  Infrared LED Lamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED970-XX Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED970-XX Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED970-XX Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
18.08.2010
led970_xx.doc
2 of 2
● Characteristics of Radiant Intensity [Ta=25°C]
Radiant Intensity IF= 50mA [mW/sr]
Outer Dimension
Type
Viewing
Half Angle
Minimum
Typical
Maximum
Dimension
Figure
LED970-01
± 10°
13
Ø 5
1
LED970-02
± 5°
16
Ø 5
2
LED970-03
± 15°
11
Ø 5
3
LED970-04
± 20°
5
Ø 5
4
LED970-05
± 40°
1
Ø 5
5
LED970-06
± 7°
20
Ø 5
6
± 25° (Long)
Ø 5
LED970-09
± 15°
(Short)
8
Oval
7
LED970-31
Ø 3
8
LED970-33
± 15°
5
Ø 3
9
LED970-34
Ø 3
10
LED970-36
± 30°
2.5
Ø 3
11
LED970-41
Ø 4
12
LED970-42
Ø 4
12
► Radiated Intensity is measured by Tektronix J-16.
► Total Radiated Power is measured by #500.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com