Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED980-03 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED980-03
Description  Infrared LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED980-03 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED980-03 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21.11.2011
LED980-03
1 of 1
LED980-03
TECHNICAL DATA
Infrared LED, 5 mm
GaAs
LED980-03 is a GaAs LED mounted on a lead frame with a clear epoxy lens.
On forward bias it emits a radiation of typical 4 mW at a peak wavelength at 985 nm.
Specifications
(Unit: mm)
• Structure: GaAs
• Peak Wavelength: typ. 985 nm
• Optical Output Power: typ. 4 mW
• Package: 5 mm clear epoxy resin
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
130
mW
Forward Current
IF
100
mA
Pulse Forward Current
IFP
1000
mA
Reverse Voltage
VR
5
V
Junction Temperature
TJ
100
°C
Thermal Resistance
Rth
250
K/W
Operating Temperature
Topr
-30 … +85
°C
Storage Temperature
Tstg
-30 … +100
°C
Soldering Temperature *
Tsol
265
°C
* must be completed within 3 seconds
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 50 mA
-
1.25
1.40
V
IF = 100 mA,
tp=20ms
1.30
1.60
Reverse Current
IR
VR = 5 V
-
-
10
µA
Total Radiated Power
PO
IF = 50 mA
2.0
4.0
-
mW
IF = 100 mA,
tp=20ms
-
8.0
-
Radiant Intensity
IE
IF = 50 mA
-
10
-
mW/sr
IF = 100 mA,
tp=20ms
-
20
-
Peak Wavelength
λ
P
IF = 50 mA
975
985
995
nm
Half Width
Δλ
IF = 50 mA
-
45
-
nm
Viewing Half Angle
Θ
1/2
IF = 50 mA
-
±11
-
deg.
Rise Time, Fall Time
tr, tf
IF = 50 mA
-
40, 20
-
ns
Radiant Intensity is measured by Tektronix J-6512
Total Radiated Power is measured by Photodyne #500
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LED980-03

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED980-66-60 ROITHNER-LED980-66-60 Datasheet
112Kb / 1P
High Power LED Array
More results

Similar Description - LED980-03

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
INFRARED LED?
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
Infrared LED
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
Infrared LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com