Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1300 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED1300
Description  Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED1300 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED1300 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED1300 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED1300 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED1300 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED1300 Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED1300 Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED1300 Datasheet HTML 7Page - Roithner LaserTechnik GmbH LED1300 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
30.04.2013
LED1300-series
2 of 8
Characteristics of Radiant Intensity (Ta=25°C)
Type
Viewing Half
Angle
Radiation Intensity (IF = 50 mA)
[Unit: mW/sr]
Outer
Dimension
Dimension
Figure
Min.
Typ.
Max.
LED1300-01
Ø 5
1
LED1300-02
Ø 5
2
LED1300-03
±10°
14
Ø 5
3
LED1300-04
Ø 5
4
LED1300-05
Ø 5
5
LED1300-06
±7°
38
Ø 5
6
LED1300-09
Ø 5
7
Oval
LED1300-46
Ø 5
8
LED1300-41
Ø 4
9
LED1300-42
Ø 4
10
LED1300-31
Ø 3
11
LED1300-33
±18°
9
Ø 3
12
LED1300-34
Ø 3
13
LED1300-36
±33°
4
Ø 3
14
* Radiant Power is measured by G8370-85
* Brightness is measured by TekTronix J-16
Notes
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior
notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com