Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3455 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3455
Description  Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3455 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3455_15 Datasheet HTML 17Page - Linear Technology LTC3455_15 Datasheet HTML 18Page - Linear Technology LTC3455_15 Datasheet HTML 19Page - Linear Technology LTC3455_15 Datasheet HTML 20Page - Linear Technology LTC3455_15 Datasheet HTML 21Page - Linear Technology LTC3455_15 Datasheet HTML 22Page - Linear Technology LTC3455_15 Datasheet HTML 23Page - Linear Technology LTC3455_15 Datasheet HTML 24Page - Linear Technology LTC3455_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC3455/LTC3455-1
21
3455fc
Programming the Battery Charger Timer
An external capacitor on the TIMER pin sets the total charge
time. When this timer elapses the charge cycle terminates
Programming Charge Current
The maximum charge current is programmed using one
external resistor connected between the PROG pin and
GND (use the closest 1% resistor value):
RPROG = 1000 • 1.23V / IBAT
If only USB power is used (no wall adapter), select the
RPROG value to be 2.49kΩ (or larger) to set the maximum
charge current at 500mA. If a wall adapter is also used,
ICHARGEcanbeprogrammedupto1A(witha1.24kΩRPROG
value), and the USB power manager will automatically
throttle back the charge current to below 500mA when
under USB power.
Monitoring Charge Current
The voltage on the PROG pin is an accurate indication of the
battery charge current under all charging conditions.
IBAT = 1000 • VPROG / RPROG
Capacitance on the PROG pin should be minimized to
ensure loop stability when in constant-current mode. Do
not place a capacitor directly from the PROG pin to ground.
Adding an external R-C network (see Figure 11) allows the
monitoring of average, rather than instantaneous, battery
charge current. Average charge current is typically of more
interest to the user, especially when the LTC3455/LTC3455-1
are USB powered, as the battery charge current varies
significantly with normal load transients.
and the CHRG pin assumes a high impedance state. The
total charge time is programmed as:
TTIMER (hours) = CTIMER • (3 hours) / (0.1μF)
For most applications, a two to three hour timer will provide
sufficient time to completely recharge the battery. But for
some applications with larger capacity batteries, four to
five hours of charging may be needed. A potential problem
arises with setting such long timer periods (longer than 3
hours): If the battery is just below the recharge threshold
(meaning it is almost fully charged) it will still be charged
for the total timer period when external power is applied.
This means that the battery will be continually charged
at a very, very low charge current for the full four to five
hours, even if the battery reaches the float voltage right
away. This type of charging is undesirable for some battery
applications, and can be avoided by choosing a shorter
timer period (but not less than 1 hour). At the end of a
charge cycle, the LTC3455 will measure the battery voltage
to see if it is above the 4.05V recharge threshold. If it is
not above 4.05V, a new charge cycle will begin, repeating
until the battery voltage is above 4.05V. Even if the bat-
tery charges to just above the 4.05V threshold using this
shorter timer method, more than 90% charge capacity
should easily be reached (Note: The LTC3455-1 recharge
threshold is 3.95V instead of 4.05V).
Trickle Charge and Defective Battery Detection
If the battery voltage is below 2.85V at the beginning of the
charge cycle, the charger goes into trickle charge mode,
reducing the charge current to 10% of its programmed
full-scale value. If the low battery voltage remains for one
quarter of the programmed total charge time, the battery is
assumed to be defective, the charge cycle is terminated, and
the CHRG pin goes to a high impedance state. This fault is
cleared if any of the following occurs: The battery voltage
rises above 2.85V, external power is removed and reapplied,
the PROG pin is floated temporarily, or the SUSPEND pin
is temporarily pulled high (if the LTC3455/LTC3455-1 are
under USB power). The device will still operate normally
from USB or wall power even if the charger has turned
off due to a trickle-charge timeout.
Figure 11. Monitoring Average Charge Current
APPLICATIONS INFORMATION
25
2
RPROG
CFILTER
CHARGE
CURRENT
MONITOR
CIRCUITRY
10k
3455 F11
LTC3455/
LTC3455-1
GND
PROG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com