Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1550-03 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED1550-03
Description  infrared light emitting diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED1550-03 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED1550-03 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED1550-03 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED1550-03 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED1550-03 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
LED1550-03
Description
LED1550-03 is a InGaAsP based Light Emitting Diode emitting at 1550 nm with rated output
power of 2.5 mW, mounted on a lead frame with a 5 mm clear epoxy resin
Maximum Ratings
Parameter
Symbol
Values
Unit
Min.
Max.
Power Dissipation (TA=25°C)
PD
120
mW
Forward Current (TA=25°C)
IF
100
mA
Pulse Forward Current (TA=25°C)*
IFP
1000
mA
Reverse Voltage (TA=25°C, IR=10µ )
VR
5
V
Operating Temperature
TCASE
- 30
+ 85
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Soldering Temperature*
TSOLDER
265
°C
* must be completed within 3 seconds at 265°C
Electro-Optical Characteristics (T
CASE = 25°C, IF = 50 mA)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Peak Wavelength
λ
P
1500
1550
1600
nm
Spectral Width (FWHM)
∆λ
100
nm
Radiated Power
PO
1.3
2.5
mW
Radiated Intensity
IE
18
mW/sr
Forward Voltage
VF
0.9
1.5
V
Forward Current
IF
50
mA
Reverse Current
IR
10
µA
Viewing Half Angle
Ө
1/2
±15
deg.
Rise/Fall time
tR,tF
10/10
ns
v 1.2 01.04.2014


Similar Part No. - LED1550-03

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED1550-35 ROITHNER-LED1550-35 Datasheet
217Kb / 3P
Infrared LED
LED1550-66-60 ROITHNER-LED1550-66-60 Datasheet
209Kb / 3P
High Power LED Array
More results

Similar Description - LED1550-03

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2800 OPTEK-OPR2800 Datasheet
259Kb / 2P
Infrared Light Emitting Diode
OP250 OPTEK-OP250 Datasheet
254Kb / 3P
Infrared Light Emitting Diode
OP205CL OPTEK-OP205CL_14 Datasheet
204Kb / 2P
Infrared Light Emitting Diode
logo
Roithner LaserTechnik G...
ELD-810-525 ROITHNER-ELD-810-525 Datasheet
654Kb / 3P
infrared light emitting diode
ELD-700-524 ROITHNER-ELD-700-524 Datasheet
508Kb / 2P
Infrared Light Emitting Diode
ELD-850-525 ROITHNER-ELD-850-525 Datasheet
254Kb / 1P
INFRARED Light Emitting Diode
ELD-1650-525 ROITHNER-ELD-1650-525 Datasheet
254Kb / 1P
INFRARED Light Emitting Diode
logo
TT Electronics.
OP180 TTELEC-OP180 Datasheet
1Mb / 8P
Infrared Light Emitting Diode
OP205CL TTELEC-OP205CL Datasheet
242Kb / 2P
Infrared Light Emitting Diode
OPR2800 TTELEC-OPR2800 Datasheet
265Kb / 2P
Infrared Light Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com