Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1550-35 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED1550-35
Description  Infrared LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED1550-35 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED1550-35 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED1550-35 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED1550-35 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
07.04.2011
LED1550-35 series
1 of 3
LED1550-35 series
TECHNICAL DATA
Infrared LED
InGaAsP
LED1550-35 series are InGaAsP LEDs mounted on a metal stemp and covered with epoxy resin or
glass lens can.
On forward bias, it emits a spectral band of radiation, which peaks at 1550 nm.
Specifications
• Structure: InGaAsP
• Peak Wavelength: typ. 1550 nm
• Optical Ouput Power: typ. ≤2.0 mW
• Resin Material: Epoxy resin or glass lens cap
• Solder: Lead free
Absolute Maximum Ratings (Ta=25°C)
Type
Symbol
Value
Unit
Power Dissipation
PD
120
mW
Forward Current
IF
100
mA
Pulse Forward Current *
1
IFP
1000
mA
Reverse Voltage
VR
5
V
Operating Temperature
TOP
-20 … +90
°C
Storage Temperature
TSTG
-30 … +100
°C
Soldering Temperature *²
TSOL
265
°C
*
1 duty = 1%, pulse width = 10 µs
*
2 must be completed within 5 seconds
Electro-Optical Characteristics (Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 50 mA
-
1.10
1.40
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Peak Wavelength
λ
P
IF = 50 mA
1500
1550
1600
nm
Half Width
Δλ
IF = 50 mA
-
100
-
nm
Rise Time
tr
IF = 50 mA
-
10
-
ns
Fall Time
tf
IF = 50 mA
-
10
-
ns
Characteristics of Radiant Power (Ta=25°C)
Radiation Power (IF = 50 mA) [Unit: mW]
Type
Min.
Typ.
Max.
Viewing Half Angle
[
Θ
1/2]
LED1550-35K00
1.6
±50°
LED1550-35K42
2.0
±6°
LED1550-35M00
2.0
±50°
LED1550-35M32
2.0
±15°
LED1550-35T52
1.2
±55°
Radiant Power is measured by Ando Optical Multi Meter AQ2140 & AQ2742
Note: Do not view directly into the emitting area of the LED during operation!
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LED1550-35

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED1550-03 ROITHNER-LED1550-03 Datasheet
719Kb / 4P
infrared light emitting diode
LED1550-66-60 ROITHNER-LED1550-66-60 Datasheet
209Kb / 3P
High Power LED Array
More results

Similar Description - LED1550-35

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
INFRARED LED?
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
Infrared LED
logo
Marktech Corporate
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
Infrared LED
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
Infrared LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com