Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPE5594S Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # OPE5594S
Description  The OPE5594S is GaAlAs infrared emitting diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

OPE5594S Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  OPE5594S Datasheet HTML 1Page - Roithner LaserTechnik GmbH OPE5594S Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
44
CC
GaAlAs Infrared Emitter
OPE5594S
FORWARD CURRENT Vs.
FORWARD VOLTAGE
100
50
30
20
10
5
4
3
2
1
1.0
1.1
1.2
1.3
1.4
1.5 1.6
Forward Voltage VF(V)
Ta=25

RELATIVE RADIANT INTENSITY Vs.
AMBIENT TEMP.
RELATIVE RADIANT INTENSITY Vs.
EMISSION WAVELENGTH.
1.0
0.8
0.6
0.4
0.2
0.0
800
850
900
950
1000
1050
Emission Wavelength
(nm)
Ta=25

3
2
1
0.8
0.5
0.3
0.2
0.1
-20
0
20
40
60
80
100
Ambient Temperature Ta(



)
IF=100mA
ANGULAR DISPLACEMENT Vs
RELATIVE RADIANT INTENSITY
20
°
30
°
40
°
50
°
60
°
70
°
80
°
-20
°
-30
°
-40
°
-50
°
-60
°
-70
°
-80
°
-90
°
-10
°
10
°
0
°
1.0
0.5
0
0.5
1.0
90
°
Relative Radiant intensity
Ta=25

RADIANT INTENSITY Vs.
FORWARD CURRENT.
FORWARD CURRENT Vs.
AMBIENT TEMP.
100
80
60
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature Ta(



)
Ta=25
400
200
100
50
30
10
5
3
1
0.5
0.3
0.1
1
3 5 10
30 50 100 200 500
Forward Current IF(mA)
Ta=25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com