Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS270 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # 1SS270
Description  SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1SS270 Datasheet(HTML) 1 Page - Leshan Radio Company

  1SS270 Datasheet HTML 1Page - Leshan Radio Company 1SS270 Datasheet HTML 2Page - Leshan Radio Company 1SS270 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
7B–1/3
1N4148
1S SERIES
1SS SERIES
TYPE
VRM(V)
VR(V)
IF(mA)
IO(mA)
I FS(mA)1 Sec P(mw)
TJ(°C)
Tstg(°C)
Package (mm)
SWITCHING DIODES
1.
SWITCHING DIODES
TYPE
V
FMAX(v)
@I
F=100mA
1.20
@I F=100mA
1.4
@I F=100mA
1.4
@I F=100mA
1.2
@I F=100mA
1.2
@I F=100mA
0.8
ELECTRICAL CHARACTERISTICS
C t (pF)max
Trr(ns)
1N4148
1S1553
1S1555
1SS133
1SS176
1SS270
100
70
35
90
35
30
75
60
30
80
30
30
450
300
300
400
300
450
150
100
100
130
100
150
700
1000
1000
600
1000
1000
-65~+175
-65~+150
-65~+150
-65~+175
-65~+175
-65~+175
DO-35
DO-34
@ V
R=20V
@ V
R=75V
0.025
5
@ V
R=60V
0.5
@ V
R=30V
0.5
@ V
R=80V
0.5
@ V
R=30V
0.5
@ V
R=30V
1
ABSOLUTE MAXIMUM RATINGS
@ V
R=0 f =1MHz
4
@ V
R=0 f =1MHz
3.5
@ V
R=0 f =1MHz
3.5
@ V
R=0 f =1MHz
2
@ V
R=0 f =1MHz
3
@ V
R=0 f =1MHz
3
IRMax (
µA)
DO – 35
(mm)
Φ 1.8 ± 0.2
29 ± 1
3.8 ± 0.2
29 ± 1
Φ 0.5 ± 0.1
DO – 34
(mm)
Φ1.8 ± 0.02
29 ± 1
2.7 ± 0.3
29 ± 1
Φ0.4 ± 0.1
V
(BR)R(v)
Min
@I
R=5 µA
@I
R=100µA
75
100
VR =6V I F =100mA
R L=100
Ω
4
500
400
400
300
300
175
150
150
175
175
175
VR =6V I F =100mA
R L=100
Ω
4
VR =6V I F =100mA
R L=100
Ω
4
VR =6V I F =100mA
R L=100
Ω
3.5
1N4148
1S1553
1S1555
1SS133
1SS176
1SS270


Similar Part No. - 1SS270

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS270 HITACHI-1SS270 Datasheet
23Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
1SS270 RENESAS-1SS270 Datasheet
75Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
SEMTECH ELECTRONICS LTD...
1SS270 SEMTECH_ELEC-1SS270 Datasheet
313Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
1SS270 SEMTECH_ELEC-1SS270 Datasheet
584Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
logo
Hitachi Semiconductor
1SS270A HITACHI-1SS270A Datasheet
23Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
More results

Similar Description - 1SS270

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com