Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5-256/104-15VC Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # M5-256/104-15VC
Description  Fifth Generation MACH Architecture
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-256/104-15VC Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button M5-256/104-15VC Datasheet HTML 17Page - Lattice Semiconductor M5-256/104-15VC Datasheet HTML 18Page - Lattice Semiconductor M5-256/104-15VC Datasheet HTML 19Page - Lattice Semiconductor M5-256/104-15VC Datasheet HTML 20Page - Lattice Semiconductor M5-256/104-15VC Datasheet HTML 21Page - Lattice Semiconductor M5-256/104-15VC Datasheet HTML 22Page - Lattice Semiconductor M5-256/104-15VC Datasheet HTML 23Page - Lattice Semiconductor M5-256/104-15VC Datasheet HTML 24Page - Lattice Semiconductor M5-256/104-15VC Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
MACH 5 Family
21
ABSOLUTE MAXIMUM RATINGS
M5
Storage Temperature . . . . . . . . . . . . . .-65
°C to +150°C
Device Junction
Temperature (Note 1) . . . . . . . . . . . +130
°C or +150°C
Supply Voltage
with Respect to Ground . . . . . . . . . . . -0.5 V to +7.0 V
DC Input Voltage . . . . . . . . . . . . . . . . . -0.5 V to 5.5 V
Static Discharge Voltage . . . . . . . . . . . . . . . . . 2000 V
Latchup Current (-40
°C to +85°C) . . . . . . . . . . 200 mA
Str esses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Functionality at
or above these limits is not implied. Exposure to Absolute
Maximum Ratings for extended periods may affect device
reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA)
Operating in Free Air . . . . . . . . . . . . . . . 0
°C to +70°C
Supply Voltage (VCC)
with Respect to Ground . . . . . . . . . +4.75 V to +5.25 V
Industrial (I) Devices
Ambient Temperature (TA)
Operating in Free Air . . . . . . . . . . . . . . -40
°C to +85°C
Supply Voltage (VCC)
with Respect to Ground . . . . . . . . . . . +4.5 V to +5.5 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.
Note:
1. 150° for M5-128, M5-192 and M5-256 devices. 130° for M5-128/1, M5-192/1, M5-256/1, M5-320, M5-384 and M5-512 devices.
2. Total IOL between ground pins should not exceed 64 mA.
3. These are absolute values with respect to device ground, and all overshoots due to system and/or tester noise are included.
4. I/O pin leakage is the worst case of IIL and IOZL or IIH and IOZH.
5. Not more than one output should be shorted at a time. Duration of the short-circuit should not exceed one second.
5-V DC CHARACTERISITICS OVER OPERATING RANGES
Parameter
Symbol
Parameter Description
Test Description
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
(For M5-128/1, M5-192/1, M5-256/1, M5-320,
M5-384, M5-512 Devices)
IOH = -3.2 mA, VCC = Min, VIN = VIH or VIL
2.4
V
IOH = 0 mA, VCC = Max, VIN = VIH or VIL
3.3
V
Output HIGH Voltage
(For M5-128, M5-192, M5-256 Devices)
IOH = -3.2 mA, VCC = Min, VIN = VIH or VIL
2.4
V
IOH = -2.5 mA, VCC = 5.25 V, VIN = VIH or VIL
3.6
V
VOL
Output LOW Voltage (Note 2)
IOL = +16 mA, VCC = Min, VIN = VIH or VIL
0.5
V
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH Voltage for all Inputs
(Note 3)
2.0
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW Voltage for all Inputs
(Note 3)
0.8
V
IIH
Input HIGH Leakage Current
VIN = 5.25, VCC = Max (Note 4)
10
µA
IIL
Input LOW Leakage Current
VIN = 0, VCC = Max (Note 4)
-10
µA
IOZH
Off-State Output Leakage Current HIGH
VOUT = 5.25, VCC = Max, VIN = VIH or VIL (Note 4)
10
µA
IOZL
Off-State Output Leakage Current LOW
VOUT = 0, VCC = Max, VIN = VIH or VIL (Note 4)
-10
µA
ISC
Output Short-Circuit Current
VOUT = 0.5 VCC = Max, VIN = VIH or VIL (Note 5)
-30
-180
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com