Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS400 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # 1SS400
Description  Switching diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1SS400 Datasheet(HTML) 2 Page - Leshan Radio Company

  1SS400 Datasheet HTML 1Page - Leshan Radio Company 1SS400 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
1SS400–2/2
1SS400
1
100m
10m
1m
100
µ
10
µ
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
FORWARD VOLTAGE : VF (V)
Fig.1 Forward characteristics
10
5
2
1
0.5
0.2
0.1
ELECTRICAL CHARACTERISTIC CURVES
(Ta = 25°C)
1m
0.1m
10
µ
1
µ
100n
10n
1n
0
20
40
60
80
100
120
REVERSE VOLTAGE : VR (V)
Fig.3 Capacitance between terminals
REVERSE VOLTAGE : VR (V)
Fig.2 Reverse characteristics
02
4
6
8
10
1214
3
2
1
0
0.1
1
10
100
1000
10,000
FORWARD CURRENT : I F (mA)
Fig.4 Reverse recovery time characteristics
100
50
20
10
5
2
1
010
20
30
PULSE WIDTH : TW (ms)
Fig.5 Surge current characteristics
PULSEGENERATOR
OUTPUT 50
Ω
SAMPLING
OSCILLOSCOPE
50
Ω
Fig.6 Reverse recovery time (trr)
measurement circuit
5k
Ω
0.01
µF
D.U.T.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com