Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2222ALP4 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMBT2222ALP4
Description  40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT2222ALP4 Datasheet(HTML) 4 Page - Diodes Incorporated

  MMBT2222ALP4 Datasheet HTML 1Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 2Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 3Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 4Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 5Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 6Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMBT2222ALP4
Document number: DS35506 Rev. 3 - 2
4 of 7
www.diodes.com
August 2012
© Diodes Incorporated
MMBT2222ALP4
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
75
⎯
⎯
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 6)
BVCEO
40
⎯
⎯
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
6
⎯
⎯
V
IE = 100μA, IC = 0
Collector Cutoff Current
ICEX
⎯
10
nA
VCE = 60V, VEB(off) = 3V
Collector Cutoff Current
ICBO
⎯
⎯
10
nA
VCB = 60V, IE = 0
⎯
⎯
10
μA
VCB = 60V, IE = 0, TA = +125°C
Emitter Cutoff Current
IEBO
⎯
⎯
10
nA
VEB = 5V, IC = 0
Base Cutoff Current
IBL
⎯
⎯
20
nA
VCE = 60V, VEB(off) = 3V
ON CHARACTERISTICS (Note 6)
DC Current Gain
hFE
35
⎯
⎯
⎯
VCE = 10V, IC = 0.1mA
50
⎯
⎯
⎯
VCE = 10V, IC = 1mA
75
⎯
⎯
⎯
VCE = 10V, IC = 10mA
35
⎯
⎯
⎯
VCE = 10V, IC = 10mA, TA = -55°C
100
⎯
300
⎯
VCE = 10V, IC = 150mA
50
⎯
⎯
⎯
VCE = 1V, IC = 150mA
40
⎯
⎯
⎯
VCE = 10V, IC = 500mA
Collector-Emitter Saturation Voltage
VCE(sat)
⎯
⎯
⎯
⎯
0.3
1.0
V
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
Base-Emitter Saturation Voltage
VBE(sat)
0.6
⎯
1.2
V
IC = 150mA, IB = 15mA
⎯
⎯
2.0
IC = 500mA, IB = 50mA
SMALL SIGNAL CHARACTERISTICS (Note 6)
Output Capacitance
Cobo
⎯
⎯
8
pF
VCB = 10V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
25
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Current Gain-Bandwidth Product
fT
300
⎯
⎯
MHz
VCE = 20V, IC = 20mA, f = 100MHz
Noise Figure
NF
⎯
⎯
4.0
dB
VCE = 10V, IC = 100µA, RS = 1.0kΩ,
f = 1.0kHz
Input Impedance
hie
0.25
⎯
1.25
k
Ω
IC = 10mA, VCE = 10V, f = 1.0kHz
Voltage Feedback Ratio
hre
⎯
⎯
4.0
X 10
−4
Small-Signal Current Gain
hfe
75
⎯
375
⎯
Output Admittance
hoe
25
⎯
200
µS
SWICHING CHARACTERISTICS (Note 6)
Delay Time
td
⎯
⎯
10
nS
VCC = 30V, VBE(off) = -0.5V,
IC = 150mA, IB1 = 15mA
Rise Time
tr
⎯
⎯
25
Storage Time
ts
⎯
⎯
225
VCC = 30V, IC = 150mA,
IB1 = IB2=15mA
Fall Time
tf
⎯
⎯
60
Notes:
6. Measured under pulsed conditions. Pulse width
≤ 300μs. Duty cycle ≤2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com