Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT2MA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXT2MA
Description  20V PNP LOW SATURATION SWITCHING TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT2MA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXT2MA Datasheet HTML 1Page - Diodes Incorporated ZXT2MA Datasheet HTML 2Page - Diodes Incorporated ZXT2MA Datasheet HTML 3Page - Diodes Incorporated ZXT2MA Datasheet HTML 4Page - Diodes Incorporated ZXT2MA Datasheet HTML 5Page - Diodes Incorporated ZXT2MA Datasheet HTML 6Page - Diodes Incorporated ZXT2MA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXT2MA
Document Number: DS35302 Rev. 1 - 2
4 of 7
www.diodes.com
April 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXT2MA
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-25
-35
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 7)
BVCEO
-20
-25
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7.5
-8.5
-
V
IE = -100µA
Collector Cutoff Current
ICBO
-
-
-25
nA
VCB = -20V
Emitter Cutoff Current
IEBO
-
-
-25
nA
VEB = -6V
Collector Emitter Cutoff Current
ICES
-
-
-25
nA
VCES = -16V
Static Forward Current Transfer Ratio
(Note 7)
hFE
300
475
-
-
IC = -10mA, VCE = -2V
300
450
-
IC = -100mA, VCE = -2V
150
230
-
IC = -2A, VCE = -2V
15
30
-
IC = -6A, VCE = -2V
Collector-Emitter Saturation Voltage
(Note 7)
VCE(sat)
-
-19
-30
mV
IC =- 0.1A, IB = -10mA
-
-170
-220
IC = -1A, IB = -20mA
-
-190
-250
IC = -1.5A, IB = -50mA
-
-240
-350
IC = -2.5A, IB = -150mA
-
-225
-300
IC = -3.5A, IB = -350mA
Base-Emitter Turn-On Voltage (Note 7)
VBE(on)
-
-0.87
-0.95
V
IC = -3.5A, VCE = -2V
Base-Emitter Saturation Voltage (Note 7)
VBE(sat)
-
-1.01
-1.075
V
IC = -3.5A, IB = -350mA
Output Capacitance
Cobo
-
21
30
pF
VCB = -10V. f = 1MHz
Transition Frequency
fT
150
180
-
MHz
VCE = -10V, IC = -50mA,
f = 100MHz
Turn-On Time
ton
-
40
-
ns
VCC = -10V, IC = -1A
IB1 = IB2 = -10mA
Turn-Off Time
toff
-
670
-
ns
Notes:
7. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com