Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA157 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # BA157
Description  1A FAST RECOVERY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BA157 Datasheet(HTML) 2 Page - Leshan Radio Company

  BA157 Datasheet HTML 1Page - Leshan Radio Company BA157 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
15A–2/2
BA157–BA159
RATING & CHARACTERISTIC CURVES OF FAST RECOVERY DIODES
FIG. 1 – FORWARD CURRENT
DERATING CURVE
AMBIENT TEMPER ATURE, (ºC)
TJ =55ºC
8.3ms Single Half Sine-Wave
(JEDEC Method)
1
10
100
20
15
10
5
0
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
20
10
1.0
0.1
.01
TJ =25ºC
Pulse Width=300
µs
1% Duty Cycle
.1
.2
.4
1.0
2
4
10
20
40
100
100
60
40
20
10
6
4
2
1
TJ =25ºC
f = 1.0MHz
Vsig = 50mV p-p
FIG. 5 – TYPICAL JUNCTION CAPACITANCE
FIG. 2 – MAXINUM NON-REPETITIVE
FOWARD SURGE CURRENT
REVERSE VOLTAGE,(V)
NUMBER OF CYCLES AT 60Hz
FIG. 3 – TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
0
25
50
75
100
125
150
175
Resistive or
Inductive Load
0.375”(9.5mm)
Lead Length
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100
10
1.0
.1
0.01
0.001
TJ =25ºC
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 4 – TYPICAL REVERSE CHARACTERISTICS
TJ =100ºC
0.01
0.1
1
10
100
100
60
40
20
10
6
4
2
1
FIG. 6 – TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION. (sec)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com