Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA892 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # BA892
Description  Band-switching diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BA892 Datasheet(HTML) 2 Page - Leshan Radio Company

  BA892 Datasheet HTML 1Page - Leshan Radio Company BA892 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
S22–2/2
BA 892
10
1
10 -1
0.1
1
10
I F (mA )
2
1.6
1.2
0.8
0.4
0
010
20
30
V R ( V )
f = 1 MHz; T
j =25°C
Fig.1 Diode capacitance as a function of reverse
voltage; typical values.
Fig.2 Diode forward resistance as a function of
forward current; typical values.
f = 100 MHz; T
j =25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com