Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDF02N65 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SDF02N65
Description  Rugged and reliable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDF02N65 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SDF02N65 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDF02N65 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDF02N65 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDF02N65 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDF02N65 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDF02N65 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDF02N65 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDF02N65 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDF02N65 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
V DS , Drain-S ource V oltage (V )
Ver 2.1
www.samhop.com.tw
Dec,24,2013
4
V DS , Drain-S ource V oltage (V )
Figure 11a. Maximum Safe Operating
Area for SDP02N65
Figure 11b. Maximum Safe Operating
Area for SDF02N65
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
18
15
12
9
6
3
0
10
0
ID= 1A
25 C
75 C
125 C
20.0
10.0
1.0
0
0.3
0.6
0.9
1.2
1.5
5.0
25 C
75 C
600
500
400
300
200
100
0
0
10
20
30
40
50
Cis s
Cos s
Crs s
10
8
6
4
2
0
V DS =325V
ID= 1A
1
0.1
0.01
0.003
10
VGS=10V
Single Pulse
TC=25 C
0.1
1
10
100
1000
R
DS
(O
N)
L
im
it
10
ms
1m
s
100u
s
DC
0
1
23
4
5
6
SDP02N65
SDF02N65
24
6
8
125 C
1
0.1
0.01
0.003
10
VGS=10V
Single Pulse
TC=25 C
0.1
1
10
100
1000
R
DS
(O
N)
Li
m
it
10
ms
1m
s
10
0u
s
DC
10u
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com