Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDF07N50 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SDF07N50
Description  Super high dense cell design for low RDS(ON).
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDF07N50 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SDF07N50 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDF07N50 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDF07N50 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDF07N50 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDF07N50 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDF07N50 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDF07N50 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDF07N50 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDF07N50 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
V DS , Drain-S ource V oltage (V )
Ver 2.1
www.samhop.com.tw
Dec,24,2013
4
V DS , Drain-S ource V oltage (V )
Figure 11a. Maximum Safe Operating
Area for SDP07N50
Figure 11b. Maximum Safe Operating
Area for SDF07N50
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
2.4
2.0
1.6
1.2
0.8
0.4
0
10
0
ID= 3.5A
25 C
75 C
125 C
20.0
10.0
1.0
0
0.25
0.50
0.75
1.00
1.25
5.0
25 C
75 C
2400
2000
1600
1200
800
400
0
010
20
30
40
50
Cis s
Cos s
Crs s
10
8
6
4
2
0
V DS =250V
ID= 1A
10
1
0.1
0.03
100
VGS=10V
Single Pulse
TC=25 C
0.1
1
10
100
1000
R
DS
(ON
) L
imi
t
10m
s
1m
s
100u
s
0
36
9
12
15
18
21
24
SDP07N50
SDF07N50
24
6
8
125 C
10
1
0.1
0.03
100
VGS=10V
Single Pulse
TC=25 C
0.1
1
10
100
1000
R
DS
(O
N)
L
imi
t
1m
s
100u
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com