Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20HT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # BAS20HT1
Description  High Voltage Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BAS20HT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  BAS20HT1 Datasheet HTML 1Page - Leshan Radio Company BAS20HT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
BAS20HT1–1/2
• Device Marking: JS
CASE 477, STYLE 1
SOD– 323
1
2
BAS20HT1
2
ANODE
1
CATHODE
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
250
Vdc
Peak Forward Current
I F
200
mAdc
Peak Forward Surge Current
IFM(surge)
625
mAdc
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board,*
PD
200
mW
TA = 25°C
Derate above 25°C
1.57
mW/°C
Thermal Resistance Junction to Ambient
RθJA
635
°C/W
Junction and Storage
TJ, Tstg
–55 to+150
°C
Temperature Range
*FR–5 Minimum Pad
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
I R
µAdc
(VR = 200 Vdc)
–
1.0
(VR = 200 Vdc, TJ = 150°C)
–
100
Reverse Breakdown Voltage
V(BR)
250
–
Vdc
(IBR = 100
µAdc)
Forward Voltage
VF
mV
(IF = 100 mAdc)
–
1000
(IF = 200 mAdc)
–
1250
Diode Capacitance
CD
–
5.0
pF
(VR = 0, f = 1.0 MHz)
Reverse Recovery Time
trr
–50
ns
(IF = IR = 30 mAdc, RL = 100
Ω)
JS M
MARKING DIAGRAM
JS= Specific Device Code
M = Date Code
ORDERING INFORMATION
Device
Package
Shipping
BAS20HT1
SOD–323
3000/Tape & Reel
Preferred: devices are recommended choices for future use and best overall value.
Switching Diode
High Voltage


Similar Part No. - BAS20HT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS20HT1 ONSEMI-BAS20HT1 Datasheet
44Kb / 3P
High Voltage Switching Diode
March, 2006 ??Rev. 3
BAS20HT1 ONSEMI-BAS20HT1 Datasheet
93Kb / 3P
High Voltage Switching Diode
September, 2010 ??Rev. 5
BAS20HT1G ONSEMI-BAS20HT1G Datasheet
44Kb / 3P
High Voltage Switching Diode
March, 2006 ??Rev. 3
BAS20HT1G ONSEMI-BAS20HT1G Datasheet
127Kb / 3P
High Voltage Switching Diode
October, 2011 ??Rev. 6
BAS20HT1G ONSEMI-BAS20HT1G Datasheet
57Kb / 3P
High Voltage Switching Diode
December, 2014 ??Rev. 7
More results

Similar Description - BAS20HT1

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com