Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDUD02N25 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SDUD02N25
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDUD02N25 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SDUD02N25 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SDU/D02N25
www.samhop.com.tw
Jun,07,2012
4
9.0
7.5
6.0
4.5
3.0
1.5
0
2
46
8
10
0
ID=1A
125 C
75 C
25 C
Gate-Source Voltage
Figure 7. On-Resistance vs.
VGS, Gate-Sorce Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VSD, Body Diode Forward Voltage(V)
Figure 9. Capacitance
240
200
160
120
80
40
0
010
20
30
VDS, Drain-to Source Voltage(V)
10
8
6
4
2
0
02
4
6
8
Figure 10. Gate Charge
Qg, Total Gate Charge(nC)
Figure 11. Maximum Safe
VDS, Drain-Source Voltage (V)
Operating Area
Ver 1.1
20.0
10.0
1.0
0
0.4
0.8
1.2
1.6
2.0
5.0
125 C
25 C
75 C
40
50
Crss
Coss
Ciss
V DS = 125V
ID=1A
10
0.1
1
10
100
1
0.1
0.01
1000
DC
VGS=10V
Single Pulse
TA=25 C
1s
10s
R
DS
(ON
) Li
m
it
10
m
s
100m
s
1m
s
0.001



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com